Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 408 page
background image
Break Module (BRK)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Break Module (BRK)
93
6.4.1 Flag Protection During Break Interrupts
The BCFE bit in the SIM break flag control register (SBFCR) enables
software to clear status bits during the break state.
6.4.2 CPU During Break Interrupts
The CPU starts a break interrupt by:
•
Loading the instruction register with the SWI instruction
•
Loading the program counter with $FFFC and $FFFD ($FEFC and
$FEFD in monitor mode)
Addr.
Register Name
Bit 7
654321
Bit 0
$FE00
SIM Break Status Register
(SBSR)
Read:
000100
BW
0
Write:
RRRRRR
NOTE
R
Reset:
00010000
$FE03
SIM Break Flag Control
Register (SBFCR)
Read:
BCFE
RRRRRRR
Write:
Reset:
0
$FE09
Break Address Register
High (BRKH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$FE0A
Break Address Register
Low (BRKL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0B
Break Status and Control
Register (BRKSCR)
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
Note: Writing a logic 0 clears BW.
= Unimplemented
R
= Reserved
Figure 6-2. I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com