Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 408 page
background image
General Description
Technical Data
MC68HC908GR8 — Rev 4.0
26
General Description
MOTOROLA
1.3 Features
For convenience, features have been organized to reflect:
•
Standard features of the MC68HC908GR8
•
Features of the CPU08
1.3.1 Standard Features of the MC68HC908GR8
•
High-performance M68HC08 architecture optimized for C-
compilers
•
Fully upward-compatible object code with M6805, M146805, and
M68HC05 Families
•
8-MHz internal bus frequency
•
FLASH program memory security(1)
•
On-chip programming firmware for use with host personal
computer which does not require high voltage for entry
•
In-system programming
•
System protection features:
–
Optional computer operating properly (COP) reset
–
Low-voltage detection with optional reset and selectable trip
points for 3.0 V and 5.0 V operation
–
Illegal opcode detection with reset
–
Illegal address detection with reset
•
Low-power design; fully static with stop and wait modes
•
Standard low-power modes of operation:
–
Wait mode
–
Stop mode
•
Master reset pin and power-on reset (POR)
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com