Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 408 page
background image
Memory Map
Input/Output (I/O) Section
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Memory Map
45
$003C
Analog-to-Digital Status
and Control Register
(ADSCR)
Read:
COCO
AIEN
ADCO
ADCH4
ADCH3
ADCH2
ADCH1
ADCH0
Write:
R
Reset:
00011111
$003D
Analog-to-Digital Data
Register (ADR)
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
RRRRRRRR
Reset:
Indeterminate after reset
$003E
Analog-to-Digital Input
Clock Register (ADCLK)
Read:
ADIV2
ADIV1
ADIV0
ADICLK
0000
Write:
RRRR
Reset:
00000000
$003F
Unimplemented
Read:
Write:
Reset:
$FE00
SIM Break Status Register
(SBSR)
Read:
RRRRRR
SBSW
R
Write:
NOTE
Reset:
00000000
Note: Writing a logic 0 clears SBSW.
$FE01
SIM Reset Status Register
(SRSR)
Read:
POR
PIN
COP
ILOP
ILAD
MODRST
LVI
0
Write:
POR:
10000000
$FE02
Unimplemented
Read:
Write:
Reset:
$FE03
SIM Break Flag Control
Register (SBFCR)
Read:
BCFE
RRRRRRR
Write:
Reset:
0
$FE09
Interrupt Status Register 1
(INT1)
Read:
IF6
IF5
IF4
IF3
IF2
IF1
0
0
Write:
RRRRRRRR
Reset:
00000000
$FE0A
Interrupt Status Register 2
(INT2)
Read:
IF14
IF13
IF12
IF11
IF10
IF9
IF8
IF7
Write:
RRRRRRRR
Reset:
00000000
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R = Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 7 of 8)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com