Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 408 page
background image
Memory Map
Technical Data
MC68HC908GR8 — Rev 4.0
46
Memory Map
MOTOROLA
$FE0B
Interrupt Status Register 3
(INT3)
Read:
000000
IF16
IF15
Write:
RRRRRRRR
Reset:
00000000
$FE07
FLASH Test Control
Register (FLTCR)
Read:
RRRRRRRR
Write:
Reset:
00000000
$FE08
FLASH Control Register
(FLCR)
Read:
0000
HVEN
MASS
ERASE
PGM
Write:
Reset:
00000000
$FE09
Break Address Register
High (BRKH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$FE0A
Break Address Register
Low (BRKL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0B
Break Status and Control
Register (BRKSCR)
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
$FE0C
LVI Status Register
(LVISR)
Read: LVIOUT
0000000
Write:
Reset:
00000000
$FF7E
FLASH Block Protect
Register (FLBPR)
†
Read:
BPR7
BPR6
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
UUUUUUUU
$FFFF
COP Control Register
(COPCTL)
Read:
Low byte of reset vector
Write:
Writing clears COP counter (any value)
Reset:
Unaffected by reset
† Non-volatile FLASH register
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R = Reserved
U = Unaffected
Figure 2-2. Control, Status, and Data Registers (Sheet 8 of 8)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com