Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 29Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 30Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 31Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 32Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 408 page
background image
General Description
Pin Functions
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
General Description
33
1.6.6 External Filter Capacitor Pin (CGMXFC)
CGMXFC is an external filter capacitor connection for the CGM. See
Clock Generator Module (CGMC).
1.6.7 Analog Power Supply/Reference Pins (VDDAD/VREFH and VSSAD/VREFL)
VDDAD and VSSAD are the power supply pins for the analog-to-digital
converter. Decoupling of these pins should be as per the digital supply.
NOTE:
VREFH is the high reference supply for the ADC. The VREFH signal is
internally connected with VDDAD and have the same potential as VDDAD.
VDDAD should be tied to the same potential as VDD via separate traces.
VREFL is the low reference supply for the ADC. The VREFL pin is
internally connected with VSSAD and has the same potential as VSSAD.
VSSAD should be tied to the same potential as VSS via separate traces.
See Analog-to-Digital Converter (ADC).
1.6.8 Port A Input/Output (I/O) Pins (PTA3/KBD3–PTA0/KBD0)
PTA3–PTA0 are special-function, bidirectional I/O port pins. Any or all of
the port A pins can be programmed to serve as keyboard interrupt pins.
See Input/Output Ports (I/O) and External Interrupt (IRQ).
These port pins also have selectable pullups when configured for input
mode. The pullups are disengaged when configured for output mode.
The pullups are selectable on an individual port bit basis.
When the port pins are configured for special-function mode (KBI),
pullups will be automatically engaged. As long as the port pins are in
special-function mode, the pullups will always be on.
1.6.9 Port B I/O Pins (PTB5/AD5–PTB0/AD0)
PTB5–PTB0 are special-function, bidirectional I/O port pins that can also
be used for analog-to-digital converter (ADC) inputs. See Input/Output
Ports (I/O) and Analog-to-Digital Converter (ADC).
There are no pullups associated with this port.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com