Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 408 page
background image
Break Module (BRK)
Break Module Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Break Module (BRK)
95
•
Break address register low (BRKL)
•
SIM break status register (SBSR)
•
SIM break flag control register (SBFCR)
6.6.1 Break Status and Control Register
The break status and control register (BRKSCR) contains break module
enable and status bits.
BRKE — Break Enable Bit
This read/write bit enables breaks on break address register matches.
Clear BRKE by writing a logic 0 to bit 7. Reset clears the BRKE bit.
1 = Breaks enabled on 16-bit address match
0 = Breaks disabled on 16-bit address match
BRKA — Break Active Bit
This read/write status and control bit is set when a break address
match occurs. Writing a logic 1 to BRKA generates a break interrupt.
Clear BRKA by writing a logic 0 to it before exiting the break routine.
Reset clears the BRKA bit.
1 = (When read) Break address match
0 = (When read) No break address match
Address:
$FE0E
Bit 7
654321
Bit 0
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
= Unimplemented
Figure 6-3. Break Status and Control Register (BRKSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com