Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 225 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 225 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 221Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 222Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 223Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 224Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 225Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 226Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 227Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 228Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 408 page
background image
Input/Output Ports (I/O)
Port E
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Input/Output Ports (I/O)
225
16.7 Port E
Port E is a 2-bit special-function port that shares two of its pins with the
serial communications interface (SCI) module.
16.7.1 Port E Data Register
The port E data register contains a data latch for each of the two port E
pins.
PTE1 and PTE0 — Port E Data Bits
PTE1 and PTE0 are read/write, software programmable bits. Data
direction of each port E pin is under the control of the corresponding
bit in data direction register E.
NOTE:
Data direction register E (DDRE) does not affect the data direction of
port E pins that are being used by the SCI module. However, the DDRE
bits always determine whether reading port E returns the states of the
latches or the states of the pins. See Table 16-6.
RxD — SCI Receive Data Input
The PTE1/RxD pin is the receive data input for the SCI module. When
the enable SCI bit, ENSCI, is clear, the SCI module is disabled, and
the PTE1/RxD pin is available for general-purpose I/O. See Serial
Communications Interface (SCI).
Address:
$0008
Bit 7
654321
Bit 0
Read:
000000
PTE1
PTE0
Write:
Reset:
Unaffected by reset
Alternate
Function:
RxD
TxD
= Unimplemented
Figure 16-17. Port E Data Register (PTE)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com