Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 251Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 252Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 253Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 254Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 255Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 256Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 257Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 258Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 408 page
background image
Serial Communications Interface (SCI)
I/O Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Communications Interface (SCI)
255
NOTE:
Changing the PTY bit in the middle of a transmission or reception can
generate a parity error.
18.9.2 SCI Control Register 2
SCI control register 2:
•
Enables the following CPU interrupt requests:
–
Enables the SCTE bit to generate transmitter CPU interrupt
requests
–
Enables the TC bit to generate transmitter CPU interrupt
requests
–
Enables the SCRF bit to generate receiver CPU interrupt
requests
–
Enables the IDLE bit to generate receiver CPU interrupt
requests
•
Enables the transmitter
•
Enables the receiver
•
Enables SCI wakeup
•
Transmits SCI break characters
Table 18-5. Character Format Selection
Control Bits
Character Format
M
PEN and
PTY
Start
Bits
Data
Bits
Parity
Stop
Bits
Character
Length
0
0X
1
8
None
1
10 bits
1
0X
1
9
None
1
11 bits
0
10
1
7
Even
1
10 bits
0
11
1
7
Odd
1
10 bits
1
10
1
8
Even
1
11 bits
1
11
1
8
Odd
1
11 bits
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com