Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 265 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 261Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 262Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 263Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 264Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 265Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 266Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 267Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 268Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 408 page
background image
Serial Communications Interface (SCI)
I/O Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Communications Interface (SCI)
265
18.9.6 SCI Data Register
The SCI data register (SCDR) is the buffer between the internal data bus
and the receive and transmit shift registers. Reset has no effect on data
in the SCI data register.
R7/T7–R0/T0 — Receive/Transmit Data Bits
Reading address $0018 accesses the read-only received data bits,
R7:R0. Writing to address $0018 writes the data to be transmitted,
T7:T0. Reset has no effect on the SCI data register.
NOTE:
Do not use read/modify/write instructions on the SCI data register.
18.9.7 SCI Baud Rate Register
The baud rate register (SCBR) selects the baud rate for both the receiver
and the transmitter.
Address:
$0018
Bit 7
654321
Bit 0
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
Unaffected by reset
Figure 18-15. SCI Data Register (SCDR)
Address:
$0019
Bit 7
654321
Bit 0
Read:
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
Reset:
00000000
= Unimplemented
R
= Reserved
Figure 18-16. SCI Baud Rate Register (SCBR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com