Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 126Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 127Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 128Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 129Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 130Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 408 page
background image
Clock Generator Module (CGMC)
Acquisition/Lock Time Specifications
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
127
7.9.3 Choosing a Filter
As described in Parametric Influences on Reaction Time, the external
filter network is critical to the stability and reaction time of the PLL. The
PLL is also dependent on reference frequency and supply voltage.
Either of the filter networks in Figure 7-10 is recommended when using
a 32.768-kHz reference crystal. In low-cost applications, where stability
and reaction time of the PLL is not critical, this filter network can be
replaced by a single capacitor.
Figure 7-10. PLL Filter
CGMXFC
10 k
0.01
µF
0.033
µF
VSSA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com