Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 137Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 138Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 139Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 140Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 141Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 142Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 143Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 144Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 408 page
background image
Central Processing Unit (CPU)
CPU registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Central Processing Unit (CPU)
141
10.4.1 Accumulator (A)
The accumulator is a general-purpose 8-bit register. The CPU uses the
accumulator to hold operands and the results of arithmetic/logic
operations.
10.4.2 Index register (H:X)
The 16-bit index register allows indexed addressing of a 64K byte
memory space. H is the upper byte of the index register and X is the
lower byte. H:X is the concatenated 16-bit index register.
In the indexed addressing modes, the CPU uses the contents of the
index register to determine the conditional address of the operand.
The index register can also be used as a temporary data storage
location.
Bit 7
654321
Bit 0
A
Read:
Write:
Reset:
Unaffected by reset
Figure 10-2. Accumulator (A)
Bit
15
14
13
12
11
10
9
8765
4321
Bit
0
H:X
Read:
Write:
Reset:
000
0000
0
XXXX
XXXX
X = Indeterminate
Figure 10-3. Index register (H:X)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com