Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 177Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 178Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 179Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 180Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 181Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 182Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 183Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 184Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 408 page
background image
Keyboard Interrupt (KBI)
I/O Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Keyboard Interrupt (KBI)
181
13.8 I/O Registers
These registers control and monitor operation of the keyboard module:
•
Keyboard status and control register (INTKBSCR)
•
Keyboard interrupt enable register (INTKBIER)
13.8.1 Keyboard Status and Control Register
The keyboard status and control register:
•
Flags keyboard interrupt requests
•
Acknowledges keyboard interrupt requests
•
Masks keyboard interrupt requests
•
Controls keyboard interrupt triggering sensitivity
Bits 7–4 — Not used
These read-only bits always read as logic 0s.
KEYF — Keyboard Flag Bit
This read-only bit is set when a keyboard interrupt is pending. Reset
clears the KEYF bit.
1 = Keyboard interrupt pending
0 = No keyboard interrupt pending
Address: $001A
Bit 7
654321
Bit 0
Read:
0000
KEYF
0
IMASKK
MODEK
Write:
ACKK
Reset:
00000000
= Unimplemented
Figure 13-3. Keyboard Status and Control Register (INTKBSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com