Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 30 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 30 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 26Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 27Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 28Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 29Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 30Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 31Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 32Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 33Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 34Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
29
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
20-20
20-21
20-22
20-23
20-24
20-25
Service Rating
A
A
A
A
A
Inst.
Number of Contacts
1
3
1
8
3
3
2
2
2
13
Contact Size
4
12
12
16
8
16
8
8
16
16
Insert Arrangement
20-27
20-29
20-30
20-33
22-1
22-2
Service Rating
A
A
Inst.
A
D
D
Number of Contacts
14
17
13
11
2
3
Contact Size
16
16
16
16
8
8
Insert Arrangement
22-4
22-5
22-6
22-7
22-8
Service Rating
A
D
D
E
E
Number of Contacts
2
2
2
4
2
1
1
2
Contact Size
8
12
12
16
8
16
0
12
CONTACT LEGEND
16
12
8
4
0
250° Rotation
of 20-11
100° Rotation
of 20-11
A
B
C
D
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
A
B
A
B
C
D
A
B
C
D
E
F
G
H
I
J
K
L
M
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
T
SR
A
B
C
D
E
F
K
H
J
M
L
A
B
A
B
C
A
B
C
D
A
B
C
D
E
F
A
B
C
A
B
250˚
A
BC
D
E
F
GH
J
K
L
M
N
100˚
A
BC
D
E
F
GH
J
K
L
M
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com