Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 37 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 37 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 33Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 34Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 35Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 36Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 37Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 38Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 39Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 40Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 41Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
36
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
36-7
36-8
36-9
Service Rating
AAA
Number of Contacts
7
40
1
46
1
2
14
14
Contact Size
12
16
12
16
4
8
12
16
Insert Arrangement
36-10
36-11
36-12
Service Rating
AAA
Number of Contacts
48
48
48
Contact Size
16
16
16
Insert Arrangement
36-13
36-14
36-15
Service Rating
N, P, Q = E; Bal. = A
D
M = D; Bal. = A
Number of Contacts
2
15
5
5
6
35
Contact Size
12
16
8
12 16
16
CONTACT LEGEND
16
12
8
4
0
100° Rotation
of 36-10
110° Rotation
of 36-10
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
n
p
r
t
s
u
v
x
y
z
w
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
fg
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
AB
CD
E
F
G
HJ
K
L
M
N
OP
Q
R
S
T
U
V
WX
Y
Z
a
b
c
de
f
g
hj
k
mn
p
r
t
u
v
w
s
x
yz
q
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
RS
A
B
C
D
E
F
G
H
J
K
L
M
N
I
P
Q
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
100˚
AB
CD
E
FG
HJ
K
L
M
N
OP
Q
R
S
T
U
VW
X
Y
Z
a
b
c
d
e
f
g
hj
k
m
n
pr
tuv
w
s
x
yz
q
110˚
AB
CD
E
F
G
HJ
K
L
M
N
OP
Q
R
S
T
U
VW
X
Y
Z
a
b
c
de
f
g
h
j
k
mn
p
r
tu
v
w
s
x
yz
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com