Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 5 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 5 Page - Amphenol Corporation

  CS3100C18-3PW Datasheet HTML 1Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 2Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 3Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 4Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 5Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 6Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 7Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 8Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
4
MS/Standard
MS-A and MS-C
MS-A and MS-C
MS-A and MS-C class connectors perform many of the
vital functions in powering, testing and ground support
systems. Class A applications include communications
equipment, computers and shipboard installations where
mechanical forces and physical parameters are not sub-
ject to extreme or rapid environmental changes.
Class C connectors are most frequently used on pressur-
ized bulkheads or pressure barriers at elevated altitudes
or maritime applications. Air leakage is limited to one
cubic inch per hour at a pressure differential of 30 lbs. per
square inch.
Shells:
Shell components are fabricated from high grade alumi-
num alloy. Electrically conductive cadmium plate finish
with an olive drab chromate after-treat offers corrosion
resistance.
Contacts:
Contacts are available in both solder and crimp versions.
Pins and sockets are machined from copper alloy with a
silver plated finish. Size 16 and 12 socket contacts incor-
porate a closed entry design. Refer to pages 49, 67 and
68 for additional contact information.
Inserts:
Inserts are resilient neoprene, offering high dielectric
strength, high arc resistance and resistance to vibration.
Proprietary design permits pressurization of either pin or
socket insert.
wall mounting receptacle
cable connecting plug
box mounting receptacle
straight plug
90 degree plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com