Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 68 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 68 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 64Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 65Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 66Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 67Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 68Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 69Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 70Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 71Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 72Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
67
MS/Standard
solder contacts
Machined copper alloy contacts in a full range of sizes, with closed
entry socket design in the size 12 and 16 contacts. A heavy silver-
plated finish is deposited on all MS style solder contacts for maximum
corrosion resistance, maximum current carrying capacity and low milli-
volt drop.
* Solder Wells Filled
** Contact ratings as stated are test ratings only. The connector could not with-
stand full rated current through all contacts continuously. Please note that the
electrical data given is not an establishment of electrical safety factors. This is
left entirely in the designer’s hands as he can best determine which peak volt-
age, switching surges, transients, etc. can be expected in a particular circuit.
† The 10SL, 12S, 14S and 16S connectors require short contacts.
MS/STANDARD SOLDER CONTACTS*
Part
Number
Pin/
Socket
Mating
End
Size
Wire
Barrel
Size
Allowable
Wire
Size
Test
Current**
Amps
10-40569
10-597107-161
Pin
Socket
16
Short†
16
16
18
20
22
13
10
7.5
5
10-40599
10-597107-171
Pin
Socket
16 Long
16
16
18
20
22
13
10
7.5
5
10-33646
10-597107-131
Pin
Socket
12
12
12
14
23
17
10-35531
10-35532
Pin
Socket
88
8
10
46
33
10-35529
10-35530
Pin
Socket
44
4
6
80
60
10-35527
10-35528
Pin
Socket
00
0
1
2
150
125
100
* The values listed in Table I represent operating values which include a
generous safety factor. It may be necessary for some applications to
exceed the operating voltages listed here. If this is necessary, designers
will find Table II useful for determining the degree to which the recom-
mended values of Table I can be exceeded.
TABLE I
CONTACT ARRANGEMENT SERVICE RATING
MS
Service
Rating
Recommended
Operating Voltage*
at Sea Level
Effective
Creepage
Distance
Nom.
Mechanical
Spacing
Nom.
DC
AC (RMS)
Inst.
250
200
1/16
A
700
500
1/8
1/16
D
1250
900
3/16
1/8
E
1750
1250
1/4
3/16
B
2450
1750
5/16
1/4
C
4200
3000
1
5/16
TABLE II
ALTITUDE VOLTAGE DERATING** CHART
MS
Service
Rating
Nominal
Distance
Standard Sea
Level Conditions
Pressure Altitude†
50,000 Feet
Pressure Altitude†
70,000 Feet
Airspace
Creepage
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Minimum
Flashover
Voltage
AC (RMS)
Test
Voltage
AC (RMS)
Inst.
1/32
1/16
1400
1000
500
400
325
260
A
1/16
1/8
2800
2000
800
600
450
360
D
1/8
3/16
3600
2800
900
675
500
400
E
3/16
1/4
4500
3500
1000
750
550
440
B
1/4
5/16
5700
4500
1100
825
600
480
C
5/16
1
8500
7000
1300
975
700
560
† Not corrected for changes in density due to variations in temperature.
** No attempt has been made to recommend operating voltages. The designer must determine his own
operating voltage by the application of a safety factor to the above derating chart to compensate for cir-
cuit transients, surges, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com