Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 12 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 12 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 8Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 9Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 10Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 11Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 12Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 13Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 14Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 15Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 16Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
11
SR
T
4 Holes
S
R
A Thread
B
M
KZ
XX
P
L
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
K
+.020
–.010
L
Max.
M
+.010
–.000
P
Max.
R
±.005
S
±.010
T
Dia.
+.004
–.002
Z*
Max.
XX
Min.
Cable
Clearance
10SL
.6250-24UNEF
.391
.672
2.129
.562
.896
.719
1.000
.120
.472
.281
12S
.7500-20UNEF
.450
.672
2.129
.562
.896
.812
1.094
.120
.472
.281
12
.7500-20UNEF
.625
.860
2.129
.750
.896
.812
1.094
.120
.722
.281
14S
.8750-20UNEF
.450
.672
2.201
.562
1.021
.906
1.188
.120
.472
.406
14
.8750-20UNEF
.625
.860
2.524
.750
1.021
.906
1.188
.120
.722
.406
16S
1.0000-20UNEF
.450
.672
2.201
.562
1.151
.969
1.281
.120
.472
.500
16
1.0000-20UNEF
.625
.860
2.524
.750
1.151
.969
1.281
.120
.722
.500
18
1.1250-18UNEF
.625
.891
2.596
.750
1.242
1.063
1.375
.120
.691
.531
20
1.2500-18UNEF
.625
.891
2.654
.750
1.499
1.156
1.500
.120
.691
.656
22
1.3750-18UNEF
.625
.891
2.654
.750
1.499
1.250
1.625
.120
.691
.740
24
1.5000-18UNEF
.625
.953
2.885
.812
1.781
1.375
1.750
.147
.628
.781
28
1.7500-18UNS
.625
.953
2.885
.812
1.781
1.562
2.000
.147
.628
.922
32
2.0000-18UNS
.625
1.031
2.943
.875
2.087
1.750
2.250
.173
.550
1.156
36
2.2500-16UN
.625
1.031
2.943
.875
2.281
1.938
2.500
.173
.550
1.250
40
2.5000-16UN
.625
1.031
3.068
.875
2.581
2.188
2.750
.173
.550
1.562
MS/Standard
MS3100E/F
wall mounting receptacle
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
* Increase Z dimension by .312 for size “0” contact only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com