Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 34 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 34 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 30Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 31Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 32Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 33Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 34Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 35Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 36Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 37Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 38Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
33
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
28-8
28-9
28-10
28-11
Service Rating
L, M = E; B = D; Bal. = A
D
G = D; Bal. = A
A
Number of Contacts
2
10
6
6
2
2
3
4
18
Contact Size
12
16
12
16
4
8
12
12
16
Insert Arrangement
28-12
28-13
28-15
28-16
Service Rating
A
A
A
A
Number of Contacts
26
26
35
20
Contact Size
16
16
16
16
Insert Arrangement
28-17
28-18
28-19
Service Rating
R = B; M, N, P = D; A to L = A
M = C; G, H, J, K, L = D; A, B = A; Bal. = Inst.
H, M = B; A, B = D; Bal. = A
Number of Contacts
15
12
4
6
Contact Size
16
16
12
16
CONTACT LEGEND
16
12
8
4
0
100° Rotation
of 28-12
100˚
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
H
J
K
L
M
A
B
C
D
E
F
G
A
B
C
D
E
F
G
H
J
K
L
M
I
N
P
R
S
T
U
V
W
X
A
B
C
D
E
F
G
H
J
K
L
M
P
R
N
S
T
U
V
W
X
Y
Z
a
b
d
AB
C D
E
F G
H
J
K
L
M
PR
S
T
N
W
X
Y
Z
U
V
a
b
c
d
e
f
g
h
j
k
m
l
A
B
C
D
E
F
G
H
J
K
L
M
P
Q
R
S
T
U
V
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
M
AB
C
E
G
H
J
K
L
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com