Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 71 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 71 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 65Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 66Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 67Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 68Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 69Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 70Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 71Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 72Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 73Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
70
MIL-DTL-5015 and MIL-5015 Type (Solder Contacts)
MS
3102
A
18 – 3
P
W
(SR)
12
3
4
5
6
7
8
1.
Connector Type
MS
designates Military Standard
CS* designates service class A and C with proprietary
special contact arrangements
SG* designates service class E with proprietary special
contact arrangements
SM* designates service class F and R with proprietary
special contact arrangements
2.
Connector Style
3100 wall mounting receptacle
3101 cable connecting plug
3102 box mounting receptacle
3106 straight plug
3108 90° plug
3.
Service Class
A solid shell for general, non-environmental applications
C solid shell for pressurized applications
E environmental resisting
F environmental resisting with strain relief (MS part num-
ber only)
R lightweight environmental resisting
4., 5. Shell size and insert arrangement - see tables, pages
22–24.
6.
Contact Types
P designates pin contact
S designates socket contact
7.
Insert Rotation
“W”, “X”, “Y”, or “Z” designate that insert is rotated in its
shell from normal position. No letter required for normal
(no rotation) position.
8.
(SR) strain relief for non-military connectors (For MS use
“F” class)
* For insert arrangements over 50 and shell size 40 and above.
Exceptions: 36-52, 40-1, 40-9 and 40-56 are MS approved.
Consult Amphenol, Sidney, NY for availability of alternate finishes, including black
and olive drab zinc alloys.
MS/Standard
how to order
Proprietary (Crimp Contacts)
75 –68
0
12 – 3
H
12
3
4
5
6
1.
Connector Type
75 – connector utilizing silver plated contacts
80 – less contacts
85 – contacts utilizing 50 micro-inches gold over silver
plating
2.
Service Class
68
service class A, general duty
474 service class F, environmental resisting
190 service class R, lightweight environmental resisting
3.
Connector Style
0 wall mounting receptacle
1 cable connecting plug
2 box mounting receptacle
6 straight plug
8 90° plug
4.
Shell Size Designator
5.
Insert Arrangements
See page 22-24.
6.
Contact Type/Alternate Insert Rotation
P designates pin, S designates socket for normal position-
ing of inserts. When an alternate position of the connector
insert is required to prevent cross-mating, a different letter
(other than P or S) is used. See page 25 for description of
alternate positions, then convert to Amphenol® proprietary
coding by the following charts:
Shell Size
8S 10S 10SL 12S 12 14S 14 16S 16
18
Shell Designator
8
10
11
12131415161718
Shell Size
20
22
24
28
32
36
40
44
48
Shell Designator
20
22
24
28
32
36
40
44
48
Pin Contacts
Socket Contacts
MS Letter
Amphenol
Letter
MS Letter
Amphenol
Letter
PW
G
SW
H
PX
I
SX
J
PY
K
SY
L
PZ
M
SZ
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com