Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3PW Datasheet(PDF) 51 Page - Amphenol Corporation

Part # CS3100C18-3PW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3PW Datasheet(HTML) 51 Page - Amphenol Corporation

Back Button CS3100C18-3PW Datasheet HTML 47Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 48Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 49Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 50Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 51Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 52Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 53Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 54Page - Amphenol Corporation CS3100C18-3PW Datasheet HTML 55Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
50
Shell
Size
and Arrg.
Similar
to
MS Arrg.
Total
Contacts
Contact
Size
Pin
Insert
Rotation
C W
Contact Material
12
16
10SL-51
10SL-4
2
2
45°
A = Ir.; B = Con.
10SL-52
10SL-4
2
2
45°
A = Cu.; B = Con.
10SL-53
10SL-4
2
2
45°
A = Al.; B = Ch.
10SL-54
10SL-3
3
3
None
A = Ir.; B = Con.; C = Cu.
10SL-55
10SL-3
3
3
None
A = Al.; B = Ch.; C = Cu.
10SL-56
10SL-4
2
2
None
A = Al.; B = Ch.
10SL-57
10SL-4
2
2
None
A = Ch.; B = Con.
10SL-58
10SL-3
3
3
None
A = Ch.; B = Al.; C = Cu.
10SL-59
10SL-4
2
2
None
A = Ch.; B = Al.
10SL-60
10SL-4
2
2
None
A = Ir.; B = Con.
10SL-61
10SL-4
2
2
None
A = Cu.; B = Con.
10SL-62
10SL-3
3
3
None
A = Cu.; B = Al.; C = Ir.
10SL-63
10SL-3
3
3
None
A, C = Con.; B = Ch.
10SL-64
10SL-3
3
3
None
A, C = Ch.; B = Al.
12S-51
12S-3
2
2
315°
A = Ch.; B = Al.
12S-54
12S-3
2
2
315°
A = Ir.; B = Con.
12S-55
12S-3
2
2
45°
A = Cu.; B = Con.
12S-56
12S-3
2
2
None
A = Al.; B = Ch.
12S-57
12S-3
2
2
60°
A = Ch.; B = Al.
12S-58
12S-3
2
2
120°
A = Ir.; B = Con.
12S-59
12S-3
2
2
None
A = Ir.; B = Con.
12S-60
12S-3
2
2
None
A = Cu.; B = Con.
12S-61
12S-3
2
2
None
A = Ch.; B = Con.
12S-62
12S-3
2
2
None
A = Ch.; B = Al.
14S-51
14S-9
2
2
90°
A = Al.; B = Ch.
14S-52
14S-2
4
4
45°
A, B = Cu.; C = Al.; D = Ch.
14S-53
14S-9
2
2
90°
A = Ir.; B = Con.
14S-54
14S-6
6
6
45°
A, C, E = Ir.; B, D, F = Con.
14S-55
14S-2
4
4
45°
A, C = Ir.; B, D = Con.
14S-56
14S-2
4
4
45°
A = Ir.; B = Con.; C, D = Cu.
14S-57
14S-2
4
4
45°
A, C = Al.; B, D = Ch.
14S-58
14S-7
3
3
45°
A = Al.; B = Ch.; C = Cu.
14S-59
14S-9
2
2
90°
A = Cu.; B = Con.
14S-60
14S-9
2
2
None
A = Al.; B = Ch.
14S-61
14S-6
6
6
45°
A = Al.; B = Ch.; C = Ir.; D = Con.; E, F = Cu.
14S-63
14S-6
6
6
None
A, C = Al.; B, D = Ch.; E = Ir.; F = Con.
14S-64
14S-2
4
4
None
A, C = Con.; B, D = Cu.
14S-65
14S-6
6
6
None
A, C., E = Cu.; B, D, F = Con.
14S-67
14S-6
6
6
None
A = Al.; B = Ch.; Balance = Cu.
14S-68
14S-2
4
4
45°
A = Ch.; B = Con.; C, D = Cu.
14S-69
14S-7
3
3
None
A = Con.; B = Ch.; C = Cu.
14S-70
14S-2
4
4
None
A, D = Ch.; B, C = Al.
14S-71
14S-2
4
4
None
A, B, D = Cu.; C = Con.
14S-72
14S-9
2
2
None
A = Con.; B = Cu.
14S-73
14S-2
4
4
None
A, B = Cu.; C = Al.; D = Ch.
Thermocouple
contact arrangements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com