Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 181 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 181 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 177Page - Tyco Electronics ADE10S Datasheet HTML 178Page - Tyco Electronics ADE10S Datasheet HTML 179Page - Tyco Electronics ADE10S Datasheet HTML 180Page - Tyco Electronics ADE10S Datasheet HTML 181Page - Tyco Electronics ADE10S Datasheet HTML 182Page - Tyco Electronics ADE10S Datasheet HTML 183Page - Tyco Electronics ADE10S Datasheet HTML 184Page - Tyco Electronics ADE10S Datasheet HTML 185Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 326 page
background image
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F6
F
TRD Series
Model
Type
Function
Act. Code
Contact
Terminal
Model
Type
Function
Act. Code
Contact Terminal
Pg. M5
Pg. M5
TRD11D1(*)WL
SPDT
On
None
On
1
Gold
Wire Lug
TRD13D1(*)WL
SPDT
On
None
On
1
Silver
Wire Lug
TRD11E1(*)WL
SPDT
On
Off
On
5
Gold
Wire Lug
TRD13E1(*)WL
SPDT
On
Off
On
5
Silver
Wire Lug
TRD11F1(*)WL
SPDT
On
None (On)
1
Gold
Wire Lug
TRD13F1(*)WL
SPDT
On
None (On)
1
Silver
Wire Lug
TRD21N1(*)WL
DPDT
On
None
On
2
Gold
Wire Lug
TRD23N1(*)WL
DPDT
On
None
On
2
Silver
Wire Lug
TRD21P1(*)WL
DPDT
On
Off
On
6
Gold
Wire Lug
TRD23P1(*)WL
DPDT
On
Off
On
6
Silver
Wire Lug
(*) Specify rocker color by adding suffix number: (0) Black (2) Red,
(On) indicates momentary position.
Rocker Switches, TRD Series Illuminated or Non-Illuminated, Wire Lug
DPDT
TRD21N10WL
NOTE: When hand soldering, solder with switch in closed position.
Solder temperature 550-600°F less than 5 seconds.
Standard Body Color - (Black)
SPDT
ILLUMINATED
ILLUMINATED
TRD11D10WLLR
Standard Body and Rocker Color - (Black)
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold over nickel or silver plate
Case Material ..........................Polyamide, black matte finish
Actuator Material ....................Polyamide
Terminals/Fixed Contacts........Copper alloy with gold or silver plate
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-49°F to +199°F (-45°C to +93°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA Max. @ 20 VDC or peak AC
3 A @ 125 VAC or 28 VDC (2 pos.) 2A
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuator Travel........................23°
Life Expectancy ......................2 Pos. - Up to 100,000 actuations
3 Pos. - Up to 50,000 actuations
.080
(2.03)
.130
(3.30)
.006
(0.15)
.550
(13.97)
.508
(12.9)
.750
(19.1)
.345
(8.76)
.130
(3.30)
.375
(9.53)
.020
(0.51)
.100
(2.54)
15/32-32
UNS-2A
THD.
.265
(6.73)
.150
(3.81)
.078
(1.98)
.040
(1.02)
.080
(2.03)
w x
OBLONG HOLE
TYP.
23
°
.550
(13.8)
.070
(1.77)
.150
(3.81)
.820
(20.8)
.200
(5.08)
.100
(2.54)
TYP.
.740
(18.8)
.375
(9.52)
.265
(6.73)
.750
(19.1)
.150
(3.81)
.508
(12.9)
23
°
ANODE
CATHODE
.150
(3.81)
.755
(19.2)
.025
(0.64)
TYP.
.100
(2.54)
TYP.
.715
(21.3)
.840
(21.3)
.377
(9.57)
.345
(8.76)
.130
(3.30)
.040
(1.01)
.065
(1.65)
.080
(2.03)
.078
(1.98)
.080
(2.03)
.006
(0.15)
.265
(6.73)
.508
(12.9)
23
°
RED
CATHODE
COMMON
GREEN
15/32-32
UNS-2A
Model
Type
Function
Act. Code Contact
Terminal
Model
Type
Function
Act. Code Contact Terminal
Pg. M5
Pg. M5
TRD11D10WLLR(*)
SPDT
On None
On
1
Gold
Wire Lug
TRD13D10WLLR(*)
SPDT
On
None
On
1
Silver
Wire Lug
TRD11E10WLLR(*)
SPDT
On
Off
On
5
Gold
Wire Lug
TRD13E10WLLR(*)
SPDT
On
Off
On
5
Silver
Wire Lug
TRD11F10WLLR(*)
SPDT
On None (On)
1
Gold
Wire Lug
TRD13F10WLLR(*)
SPDT
On
None
(On)
1
Silver
Wire Lug
(*) Specify LED color by adding suffix number: (2) Red, (5) Green, (25) Red/Green - Bi-color
(On) indicates momentary position.
NOTE: Part numbering matrix page F3
* Refer to Pages F3-F5 for
Other Options *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com