Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 182 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 182 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 178Page - Tyco Electronics ADE10S Datasheet HTML 179Page - Tyco Electronics ADE10S Datasheet HTML 180Page - Tyco Electronics ADE10S Datasheet HTML 181Page - Tyco Electronics ADE10S Datasheet HTML 182Page - Tyco Electronics ADE10S Datasheet HTML 183Page - Tyco Electronics ADE10S Datasheet HTML 184Page - Tyco Electronics ADE10S Datasheet HTML 185Page - Tyco Electronics ADE10S Datasheet HTML 186Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 326 page
background image
F7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
Gemini Series Rocker/Paddle Switches
Rocker/Paddle Switches, A Series, Part Number Matrix
PART NUMBERING
Snap-in
w/beveled
frame LED
Single Pole
Double Pole
A1
A2
Rocker
Z
01 On-On
On-Off-On
03
(On)-Off-(On)
05
Small
Wire Lug
A
Right Angle
AV2
C
Printed Circuit
Vertical Right
Angle
Vertical
Support
Bracket
V5
V3
V4
W
Z3
Silver
Q
B Gold
Vert. Right
Angle
G
0 Black (Std.)
Red
2
Gold over
Silver
UL
(Q or G)
contacts
only
0 Black (Std.)
J1
J3
Large
J15 Snap-in
J16 Snap-in
w/beveled
frame
J50 Snap-in
J51 Snap-in
w/beveled
frame
J52
Paddle
Small
J2
J4
Large
J5
Large
J60 Snap-in
J61 Snap-in
w/beveled frame
J62 Snap-in w/beveled frame & LED
Quick Connect
Wire Wrap
Beveled
Actuator
Frame
Model
Function
Actuator
Terminal
Contact
Color
Color
Option
OPTIONAL:
UL recognized under the Component Program of Underwriters
Laboratories Inc. File # E46765
CSA Certified File #LR65901
DESIGN
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA @ 20 AC/DC
Silver: 2 A @ 250 VAC: 5 A @ 125 VAC
Silver: 2 A @ 30 VDC
Initial Contact Resistance ........30 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms @ 500 VDC
Dielectric Strength ..................1,000 Volts RMS @ sea level
Actuator Travel........................25°
Life Expectancy ......................Up to 30,000 Cycles
MATERIAL SPECIFICATIONS:
Contacts/Terminals..................Gold/gold flash
Silver/tin lead
Case Material ..........................Thermoset 94V-0
Actuator Material ....................Polyamide
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +185°F (-20°C to +85°C)
Storage Temperature................-49°F to +212°F (-45°C to +100°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com