Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 233 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 233 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 229Page - Tyco Electronics ADE10S Datasheet HTML 230Page - Tyco Electronics ADE10S Datasheet HTML 231Page - Tyco Electronics ADE10S Datasheet HTML 232Page - Tyco Electronics ADE10S Datasheet HTML 233Page - Tyco Electronics ADE10S Datasheet HTML 234Page - Tyco Electronics ADE10S Datasheet HTML 235Page - Tyco Electronics ADE10S Datasheet HTML 236Page - Tyco Electronics ADE10S Datasheet HTML 237Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 326 page
background image
Command Series
I
Pushbutton Switches, 16mm, Illuminated
I16
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FEATURES:
Command Series Illuminated Pushbuttons are instrument-grade
switches having snap-acting double break contacts, silver clad and
gold plated to satisfy the requirements of logic level and power
switching. Contacts are electrically independent of one another
and are isolated from the lamp circuit. Tactile feel is excellent
and maintained models have latching feature for visible indication
of status. Uses T1-3/4 midget flanged base lamp, relampable from
front of panel. Legends may be provided using printed transparent
tape affixed to inner button. UL Recognized, File E-51302,
CSA LR-20479
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold plate over silver clad
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA @ 20 VDC or Peak AC
5 A @ 250 VAC or 24 VDC (Resistive)
Initial Contact Resistance ........20 Milliohms max.
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................1,500 VAC
Life Expectancy ......................100,000 Operations @ rated current
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +122°F (-20°C to +50°C)
Oiltight ....................................IP65, NEMA 1, 12 & 13
Non-oiltight..............................IP40
ROUND
Lens set and lamps not supplied.
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch
Contact
Action
Electronics
Electronics
1437569-2
164EL11
4-1437569-2 165EL11
1 N.O. & N.C.
Momentary
1437569-3
164EL22
4-1437569-3 165EL22
2 N.O. & N.C.
Momentary
—
164EL33
—
165EL33
3 N.O. & N.C.
Momentary
1437569-5
164EL511
4-1437569-4 165EL511
1 N.O. & N.C.
Push on/Push off
1437569-6
164EL522
4-1437569-5 165EL522
2 N.O. & N.C.
Push on/Push off
1437569-7
164EL533
—
165EL533
3 N.O. & N.C.
Push on/Push off
RECTANGULAR
Lens set and lamps not supplied.
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch
Contact
Action
Electronics
Electronics
2-1437569-5 164SL11
4-1437569-9 165SL11
1 N.O. & N.C.
Momentary
2-1437569-6 164SL22
5-1437569-0 165SL22
2 N.O. & N.C.
Momentary
2-1437569-7 164SL33
—
165SL33
3 N.O. & N.C.
Momentary
2-1437569-9 164SL511
5-1437569-1 165SL511
1 N.O. & N.C.
Push on/Push off
3-1437569-0 164SL522
5-1437569-2 165SL522
2 N.O. & N.C.
Push on/Push off
3-1437569-1 164SL533
—
165SL533
3 N.O. & N.C.
Push on/Push off
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch
Contact
Action
Electronics
Electronics
3-1437569-4 164TL11
5-1437569-4 165TL11
1 N.O. & N.C.
Momentary
3-1437569-5 164TL22
5-1437569-5 165TL22
2 N.O. & N.C.
Momentary
3-1437569-6 164TL33
—
165TL33
3 N.O. & N.C.
Momentary
3-1437569-8 164TL511
5-1437569-6 165TL511
1 N.O. & N.C.
Push on/Push off
3-1437569-9 164TL522
5-1437569-7 165TL522
2 N.O. & N.C.
Push on/Push off
4-1437569-0 164TL533
5-1437569-8 165TL533
3 N.O. & N.C.
Push on/Push off
164EL11
164SL11
164TL11
SQUARE
Lens set and lamps not supplied.
.708
(18.00)
.625
15.87
DIA.NOM.
1.673
(42.5)
.276
(7.0)
LAMP
.708
(18.0)
.590
(15.0)
DIA.
.394
(10.0)
.59
(15.00)
.708
(18.00)
1.673
(42.5)
.276
(7.0)
LAMP
.708
(18.0)
.590
(15.0)
DIA.
.394
(10.0)
.625
15.87
DIA.NOM.
.827
(21.00)
.945
(24.00)
1.673
(42.5)
.276
(7.0)
LAMP
.708
(18.0)
.590
(15.0)
DIA.
.394
(10.0)
.625
15.87
DIA.NOM.
Note: Recommended panel thickness 4mm max.
Application Note: For lens sets, accessories
and lamps, see page I18 to I20
Application Note: For lens sets, accessories
and lamps, see page I18 to I20
Application Note: For lens sets, accessories
and lamps, see page I18 to I20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com