Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 229 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 229 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 225Page - Tyco Electronics ADE10S Datasheet HTML 226Page - Tyco Electronics ADE10S Datasheet HTML 227Page - Tyco Electronics ADE10S Datasheet HTML 228Page - Tyco Electronics ADE10S Datasheet HTML 229Page - Tyco Electronics ADE10S Datasheet HTML 230Page - Tyco Electronics ADE10S Datasheet HTML 231Page - Tyco Electronics ADE10S Datasheet HTML 232Page - Tyco Electronics ADE10S Datasheet HTML 233Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 326 page
background image
Series 6000
Selector Switches or Joysticks, 30mm
I
I12
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
2-POSITION SELECTOR MAINTAINED
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Legend plant included.
Model
Action
Lever
Position Number
M6402(*)
Maintained
Long
0
1
(*) Specify color by adding suffix number: (0) Black, (2) Red.
1.34
(34.0)
3.50
(89.0)
1
3
2
V40 V40
V50 V50
4
25
°
25
°
1.06
(27.0)
1
2
3
4
3
4
21
V40
V50
V40
V50
5-POSITION JOYSTICK (4 Active & Center-Off)
Metal Bushing
Maintained or momentary model with or without mechanical latch.
Inherent design requires use of N.O. and N.C. Contact blocks not
supplied, order separately. (See page I8.) Supplied with legend plate
(1-2-3-4), black knob.
CONTACT ARRANGEMENT
Contact blocks should be placed as shown. All contacts are held open
in neutral position. Each number contact closed when activated.
Model M65310 has only two active positions, requires one N.O. and
one N.C. contact block.
Note: All positions are mutually exclusive and action must pass through neutral for all
changes of operator level.
Tyco Electronics Alcoswitch Action
3-1437610-5
M65310
Momentary, No Latch
(On)
Off
(On)
—
M65500
Maintained, No Latch
On
On
Off
On
On
3-1437610-6
M65510
Momentary, No Latch (On)
(On)
Off
(On)
(On)
3-1437610-7
M65810
Momentary w/Latch
(On)
(On)
Off
(On)
(On)
(On) indicates momentary position.
1.51
(38.4)
1.85
(47.0)
1.34
(34.0)
0.91
(23.0)
1.38
(35.0)
1.06
(27.0)
N.C.
N.O.
N.C.
N.O.
0
01
1
POSITION
CAM MOVEMENT
(CAM TYPE 1)
120
°
120
° THROW
BETWEEN POSITIONS
Metal Bushing
1.51
(38.4)
1.85
(47.0)
1.34
(34.0)
0.91
(23.0)
1.38
(35.0)
1.06
(27.0)
N.C.
N.O.
01
POSITION
CAM MOVEMENT
(CAM TYPE 2)
60
°
60
°
60
° THROW
BETWEEN POSITIONS
3-POSITION SELECTOR
MAINTAINED OR MOMENTARY
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Legend plate included.
Model
Action
Lever
Cam
Position Number
M6410(*)
Maintained
Long
2
2
0
1
M6412(*)
Maintained
Long
3
2
0
1
M6470(*)
Mom. 1 Side
Long
2
2
0
1
M6480(*)
Mom. 2 Sides
Long
2
2
0
1
Indicates momentary return position
(*) Specify color by adding suffix number: (0) Black, (2) Red.
M6402(*)
M6412(*)
M65510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com