Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 225 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 225 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 221Page - Tyco Electronics ADE10S Datasheet HTML 222Page - Tyco Electronics ADE10S Datasheet HTML 223Page - Tyco Electronics ADE10S Datasheet HTML 224Page - Tyco Electronics ADE10S Datasheet HTML 225Page - Tyco Electronics ADE10S Datasheet HTML 226Page - Tyco Electronics ADE10S Datasheet HTML 227Page - Tyco Electronics ADE10S Datasheet HTML 228Page - Tyco Electronics ADE10S Datasheet HTML 229Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 326 page
background image
Standard Contact Blocks
Standard Contact Blocks
I
I8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
QUICK CONNECT
Tyco Electronics
Alcoswitch
Contacts
Plunger Color
1437612-9
F40
Normally Closed
Red
1-1437612-0
F50
Normally Open
Green
1-1437612-1
FA0
N.O. Early Make
Yellow
1-1437612-2
FR0
N.C. Late Break
Black
Note: FA0 and FR0 contacts "overlap."
.787
(20.0)
.768
(19.5)
1.16
(29.5 )
ELECTRICAL CONTACT RATINGS
Condition
Function
Standard Series
(600 VAC Max.)
AC Operation
120V 300V 600V
Inductive Loads
Make
30A
12A
6A
Continuous
6A
6A
6A
.350 P.F. min.
Break
3A
1.2A
0.6A
Resistive Loads
Make, Continuous
6A
6A
6A
.750 P.F. min.
Carry & Break
DC Operation
Inductive &
Make
1.1A
Resistive
Continuous Carry
6A
6A
6A
Loads
Break
1.1A
Application Notes
1. A total of 4 (2 upper and 2 lower) contact blocks may be stacked
and snap-mounted in either the upper and/or lower position on the
back on any Reliant 22, Series 4000 or 6000 operator.
2. In order to maintain optimum insulating distances when contact
blocks are stacked, wiring connections should be in same
polarity for operation above 300VAC.
3. Blocks may be prewired and snapped into place for easier
assembly.
4. Remove blocks by simply prying tabs. Small screwdriver is all
that is necessary.
SCREW TERMINAL
Tyco Electronics
Alcoswitch
Contacts
Plunger Color
1-1437612-3
V40
Normally Closed
Red
1-1437612-5
V50
Normally Open
Green
1-1437612-8
VA0
N.O. Early Make
Yellow
1-1437612-9
VR0
N.C. Late Break
Black
Note: "V" Series is available with gold plated contacts; order V40G, V50G, VA0G,
VR0G. Note: VAO and VRO contacts "overlap."
.787
(20.0)
.865
(22.0)
1.16
(29.5)
An almost unlimited number of circuit control options are possible using
various combinations of contact blocks. 8 different "V" or "F" family
modular blocks may be used with any operator in the Reliant 22, 2200 or
6000 series, depending on circuit requirements and operator design. The
exclusive SNAP-BLOC design permits assembly without the use of tools –
no screws or hardware to get lost. Choose either screw terminals or dual
male .110"/.250" quick connect terminals. Plunger color indicates
closure mode. The double break silver contacts are enclosed in a tough
transparent polycarbonate housing, permitting visual inspection of
contacts. Designed-in rocking action for long, reliable life; over several
million operations in normal use. Operating temperature range: -25°C
to +60°C. Storage temp. -40°C to +80°C.
F Series
V Series
F&V Contact blocks are UL recognized. File Number E-60363
CSA LR-20785-19 CE MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com