Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 224 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 224 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 220Page - Tyco Electronics ADE10S Datasheet HTML 221Page - Tyco Electronics ADE10S Datasheet HTML 222Page - Tyco Electronics ADE10S Datasheet HTML 223Page - Tyco Electronics ADE10S Datasheet HTML 224Page - Tyco Electronics ADE10S Datasheet HTML 225Page - Tyco Electronics ADE10S Datasheet HTML 226Page - Tyco Electronics ADE10S Datasheet HTML 227Page - Tyco Electronics ADE10S Datasheet HTML 228Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 326 page
background image
Reliant'22
Pushbutton Switches, 22mm, Oil-Tight, Round or Square Buttons
I
I7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
ROUND, MOMENTARY ILLUMINATED
Thermoplastic
Contact blocks not supplied, order separately. (See page I8.)
Lamp circuit isolated. Order lamps separately. (See page I15.)
Lamps: use T-3 1/4 or G3 1/2 incandescent or neon lamps.
Model
Action
Type
RT120(*)
Momentary
Extended Button
When operating from line voltage use step down transformers 5BO or 570. (See page I15.)
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
Note: Front beveled frame is black.
QM122(*)
QM120(*)
RT120(*)
.039 - .236
(.99 - 5.99)
.570
(14.5)
1.16
(29.5)
1.83
(46.5)
.787
(20.0)
1.16
(29.5)
SQUARE, MOMENTARY ILLUMINATED
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Lamp circuit isolated. Order lamps separately.
Lamps: Use G3 1/2. (See page I15.)
Custom legends available.
Model
Type
QM122(*)
Flush Button
QM120(*)
Extended Button
When operating from line voltage use step down transformers 5BO or 570. (See page I15.)
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
Note: Front beveled frame is black.
.039 - .394
(.99 - 10.0 )
.846
(21.5)
Panel
Thickness
1.16
(29.5)
1.83
(46.5)
Panel
Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com