Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10S Datasheet(PDF) 223 Page - Tyco Electronics

Part # ADE10S
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10S Datasheet(HTML) 223 Page - Tyco Electronics

Back Button ADE10S Datasheet HTML 219Page - Tyco Electronics ADE10S Datasheet HTML 220Page - Tyco Electronics ADE10S Datasheet HTML 221Page - Tyco Electronics ADE10S Datasheet HTML 222Page - Tyco Electronics ADE10S Datasheet HTML 223Page - Tyco Electronics ADE10S Datasheet HTML 224Page - Tyco Electronics ADE10S Datasheet HTML 225Page - Tyco Electronics ADE10S Datasheet HTML 226Page - Tyco Electronics ADE10S Datasheet HTML 227Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 326 page
background image
.039 - .236
(.99 - 5.99)
.886
(22.5)
.512
(13.0)
1.16
(29.5)
1.04
(26.5)
60
°
60
°
Panel
Thickness
Reliant'22
Keylock or Pushbutton Switches, 22mm, Oil-Tight or Pilot Lights
I
I6
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
3 POSITION KEYLOCK SELECTOR
MAINTAINED OR MOMENTARY
Metal Bushings
Contact blocks not supplied, order separately. (See page I8.)
Tyco
Alcoswitch Action
CAM
Remove
Tyco
Alcoswitch Action
CAM
Remove
Electronics
Key
Electronics
Key
5-1437614-8 RM210
Maintained 2
6-1437614-4 RM243
Maintained
4
5-1437614-9 RM220
Maintained 2
6-1437614-6 RM270
Mom. Right Side
2
6-1437614-0 RM222
Maintained 3
6-1437614-7 RM272
Mom. Right Side
3
6-1437614-1 RM230
Maintained 2
6-1437614-8 RM273
Mom. Right Side
4
6-1437614-2 RM232
Maintained 3
6-1437614-9 RM280
Mom. Both Sides 2
6-1437614-3 RM233
Maintained 4
1437614-1 E1
Spare Key
—
RM240
Maintained 2
Note: Front beveled frame is black.
Supplied with 2 keys
60
°
60
° 60° Throw
between
positions
RM120(*)
ILLUMINATED/ROUND MOMENTARY/MAINTAINED
Metal Bushing
Contact blocks not supplied, order separately. (See page I8.)
Lamp circuit isolated. Order lamp separately. (See page I15.)
Lamps: Use T-3 1/4 or G3 1/2 incandescent or neon lamps.
Tyco Electronics
Alcoswitch Action
Type
Cam Type
—
RM120(*)
Momentary
Extended Button
—
RM122(*)
Momentary
Guarded Button
—
+RM130(*) Maintained
Flush Button
—
+RM145(*) Maintained
Mushroom
—
RM150(*)
Momentary
Mushroom
5-1437614-3
RM1652
Twist Release Mushroom, Red
Illuminated Selectors
—
RM650(*)
Maintained
2-Pos. Selector**1
—
RM653(*)
Maintained
3-Pos. Selector**2
When operating from line voltage use step down transformers 5BO or 570. (See page I15.)
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green, (6) Blue, (9) White.
Note: RM145 and RM150 available only in red, yellow, green.
**Use G3 1/2 lamps only.
Note: Front beveled frame is black.
QM600
(RM600)
Metal Bushing
PILOT LIGHTS (FULL VOLTAGE TYPE)
Lamps: order separately, miniature bayonet base.
(See page I15.)
Lamps: use G3 1/2 on QM600(*), use T3 1/4 on
SR601(*), RM600(*). Custom legends available.
Model
Type
QM600(*)
Square pilot light, metal bushing
SR601(*)
Round pilot light, plastic bushing screw turn
RM600(*)
Round pilot light, metal bushing
(*) Specify color by adding suffix number: (2) Red, (3) Orange, (4) Yellow,
(5) Green, (6) Blue, (9) White.
.039 - .236
(.99 - 5.99)
.847
(21.5)
1.16
(29.5)
1.83
(46.5)
MUSHROOM
BUTTON
SELECTOR
1.14
(29.0)
1.58
(40.0)
1.102
(28.0)
1.060
(26.9)
LAMP
MODULE
INCLUDED
.039 - .236
(.99 - 5.99)
.689
(17.5)
1.16
(29.5)
1.83
(46.5)
TRANSPARENT
GUARD
.689
(17.5)
1.16
(29.5)
.866
(22.0)
1.968
(50.0)
SR601
Threaded
Thermoplastic
Bushing Front lampable
Panel
Thickness
Panel
Thickness
Push-On - Push-Off
See Application Note
}
Application Note:
+V40/F40 used for N.C contact block.
+VA0/FA0 used for N.O.contact block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com