Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 76 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 76 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 72Page - Tyco Electronics ADE12 Datasheet HTML 73Page - Tyco Electronics ADE12 Datasheet HTML 74Page - Tyco Electronics ADE12 Datasheet HTML 75Page - Tyco Electronics ADE12 Datasheet HTML 76Page - Tyco Electronics ADE12 Datasheet HTML 77Page - Tyco Electronics ADE12 Datasheet HTML 78Page - Tyco Electronics ADE12 Datasheet HTML 79Page - Tyco Electronics ADE12 Datasheet HTML 80Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 326 page
background image
AC Power Slide Switches
13 Amp & 6 Amp, Panel Mount
B48
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
MATERIAL SPECIFICATIONS:
Contacts ..........................Copper alloy, silver plate
Board ..............................Phenolic, UL94V0
Frame ..............................Steel, nickel plate
Actuator Material ............Nylon, UL94V-2
Terminals ........................Copper alloy, silver plate
Terminal Seal ..................Epoxy
ENVIRONMENTAL SEPCIFICATIONS:
Operating Temperature ..-4°F to 149°F (-20° to +65°C)
Storage Temperature ......-13°F to 158°F (-25° to +70°C)
Solder Heat Resistance ..Per EIA-364-56A, Procedure 3, Condition B
Solderability ....................Per EIA-364-52, Class 2, Category 1, 95%
minimum coverage
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................13 Amp, 125 VAC or 6.5 Amp, 250 VAC
Initial Contact Resistance........50 Milliohms max.
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................1200 VAC
Actuation Force ......................100-900 Grams
Life Expectancy ......................Up to 5000 Cycles
Travel ......................................0.236 (6.0mm)
MATERIAL SPECIFICATIONS:
Contacts ..........................Copper alloy, silver plate
Board ..............................Phenolic, UL94HB
Frame ..............................Steel, nickel plate
Actuator Material ............Polycarbonate, UL94V-2
Terminals ........................Copper alloy, silver plate
Terminal Seal ..................Epoxy
ENVIRONMENTAL SEPCIFICATIONS:
Operating Temperature ..-4°F to 149°F (-20° to +65°C)
Storage Temperature ......-13°F to 158°F (-25° to +70°C)
Solder Heat Resistance ..Per EIA-364-56A, Procedure 3, Condition B
Solderability ....................Per EIA-364-52, Class 2, Category 1, 95% minimum
coverage
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................6 Amp, 125 VAC or 3 Amp, 250 VAC
Initial Contact Resistance........50 Milliohms max.
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................1800 VAC
Actuation Force ......................500-900 Grams
Life Expectancy ......................5000 Cycles
Travel ......................................0.197 (5.0mm)
.236
6.0
.252
6.4
.252
6.4
.252
6.4
.122
3.1
.236
6.0
.303
7.7
.311
7.9
.020
0.5
.063
1.6
.079
Dia.
2.0
.236
6.0
.551
14.0
.472
12.0
1.41
35.7
1.19
30.2
1.19
42.0
.346
8.8
.622
15.8
.220
5.6
.020
0.5
.787
20.0
.282
7.16
.282
7.16
.197
Travel
5.0
.295
7.5
Marking
.024
0.6
M3 x
.020
2 Plc.
0.5
.118
3.0
.520
13.2
.453
11.5
1.12
28.5
.886
22.5
1.38
35.0
.246
6.25
.657
16.7
.028
0.7
.453
11.5
.248
6.3
Marking
Part Number 1571490-1
Part Number 1571491-1
DPDT
DP3T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com