Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 18 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 14Page - Tyco Electronics ADE12 Datasheet HTML 15Page - Tyco Electronics ADE12 Datasheet HTML 16Page - Tyco Electronics ADE12 Datasheet HTML 17Page - Tyco Electronics ADE12 Datasheet HTML 18Page - Tyco Electronics ADE12 Datasheet HTML 19Page - Tyco Electronics ADE12 Datasheet HTML 20Page - Tyco Electronics ADE12 Datasheet HTML 21Page - Tyco Electronics ADE12 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 326 page
background image
A18
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
S Series
Sip Switches, Low Profile, Vertical and Right Angle
FEATURES:
• End-to-end stackable in .100" center (SSV/SLV) versions
• High pressure wiping contacts allows aqueous or solvent cleaning
• Gas tight contacts (280,000 PSI)
• Ceramic substrate allows wave soldering temperature of 245°
for up to 10 seconds (SLV Version)
• 2 SIP switches take up less board space than 1 DIP switch
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ............-30°C to +85°C
Storage Temperature ................-45°C to +100°C
Solder Heat Resistance ............Wave soldering temperatures of 245°C ±
5°C with switch in off position 30 seconds
when mounting on a .060” thick PCB per
MIL-STD 202, Method 210
MATERIAL SPECIFICATIONS:
Base ..........................................PPS 94V-0/Encapsulated Ceramic (SLV/SLH)
Cover ........................................PBT 94V-0
Contacts ....................................Gold flashed Beryllium copper
Actuator Material ......................Polyamide
Terminals/Fixed Contacts ........Solder coated copper alloy
Terminal Seal ............................Insert molded
Process Seal ..............................Gas tight contacts
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ..........................0.4 VA @ 20 VDC max.
Initial Contact Resistance ........50 Milliohms max.
Insulation Resistance ................100 Megohms min. @ 100 VDC
Dielectric Strength ....................500 VAC
Actuation Force ........................800 Grams max.
Actuator Travel ........................50°
Life Expectancy ........................1,000 Cycles
SSH
SSH06
Model
No. of
Dim.
Dim.
Tyco
Alcoswitch
Positions
L
K
Electronics
1-1437589-7
SSH02
2
0.298
0.338
1-1437589-8
SSH04
4
0.498
0.538
1-1437589-9
SSH06
6
0.699
0.738
2-1437589-0
SSH08
8
0.898
0.938
2-1437589-1
SSH10
10
1.098
1.138
.031
(0.80)
DIA.
TYP.
.100
(2.54)
TYP.
.035
(0.90)
TYP.
.100
(2.54)
TYP.
.019
(0.50)
TYP.
UP/OFF
DOWN/ON
L
.031
(0.80)
.125
(3.20)
.009
(0.25)
0.14
(3.60)
.197
(5.00)
n x .100
(2.54)
1
2
345
678
(n) INDICATES NUMBER OF POSITIONS
.100
(2.54)
TYP.
L
.030
(0.80)
.125
(3.20)
.009
(0.25)
0.14
(3.60)
.315
(8.00)
0.19
(0.50)
TYP.
SLV
SSV
SLV and SSV
SSV
SSVO8
SLV
SLVO8
.200
(5.08)
.031
(0.80)
DIA.
TYP.
L
.125
(3.20)
.016
(.400)
.070
(1.70)
.100
(2.54)
TYP.
.065
(1.65)
.009
(0.25)
.200
(5.08)
.197
(5.00)
.031
(0.80)
n x .100
(2.54)
(n) INDICATES NUMBER
OF POSITIONS
.100
(2.54)
TYP.
.267
(6.80)
0.98
(2.50)
K
.019
(0.50)
TYP.
n x .100
(2.54)
UP/OFF
DOWN/ON
1
2
345
678
SSH
SSH
Model
No. of
Dim.
Tyco
Alcoswitch
Positions
L
Electronics
2-1437589-2
SSV02
2
0.298
2-1437589-3
SSV04
4
0.498
2-1437589-4
SSV06
6
0.698
2-1437589-6
SSV08
8
0.898
2-1437589-7
SSV10
10
1.098
1-1437589-5
SLV04
4
0.498
1-1437589-6
SLV08
8
0.898



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com