Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 20 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 16Page - Tyco Electronics ADE12 Datasheet HTML 17Page - Tyco Electronics ADE12 Datasheet HTML 18Page - Tyco Electronics ADE12 Datasheet HTML 19Page - Tyco Electronics ADE12 Datasheet HTML 20Page - Tyco Electronics ADE12 Datasheet HTML 21Page - Tyco Electronics ADE12 Datasheet HTML 22Page - Tyco Electronics ADE12 Datasheet HTML 23Page - Tyco Electronics ADE12 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 326 page
background image
A20
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DIP Shunts
DIP Shunts
Standard Shunt
Standard Pressure
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Housing Color — Black
Programming Tool — See below
Programming
Hand Tool
Part No. 435862-1
Machine Insertable Shunt
(Compatible with commercially
available IC insertion equipment)
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Housing Color — Gray
Programming Tool — None required
(5 to 10 lbs. [22.2 to 44.4 N] required to
manually program each shunt position)
Recommended PC Board Hole Pattern
This tool provides a reliable
means of programming DIP
shunts. It is rugged,
lightweight and dependable.
No special skills are required
to use this tool.
No. of
Dim. A
Standard Shunt
Machine Insertable
Positions
inch
mm
Standard Pressure
Shunt
4
.400
10.16
435704-4
—
6
.600
15.24
435704-6
—
7
.700
17.78
435704-7
—
8
.800
20.32
435704-8
436860-7
9
.900
22.86
435704-9
—
10
1.000
25.40
1-435704-0
—
12
1.200
30.48
1-435704-2
—
.300
[7.62
]
± .005
± 0.13
.100
[2.54
]
± .005
± 0.13
.035
[0.89
]
± .005
± 0.13
Typ.
Dia. Typ.
A
.290
[7.37]
A
.290
[7.37]
.125
[3.18]
Identifies Pin 1
.290
[7.37]
15° Max.
Typ.
.079
[2.01]
15° Max.
Typ.
.125
[3.18]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com