Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 46 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 42Page - Tyco Electronics ADE12 Datasheet HTML 43Page - Tyco Electronics ADE12 Datasheet HTML 44Page - Tyco Electronics ADE12 Datasheet HTML 45Page - Tyco Electronics ADE12 Datasheet HTML 46Page - Tyco Electronics ADE12 Datasheet HTML 47Page - Tyco Electronics ADE12 Datasheet HTML 48Page - Tyco Electronics ADE12 Datasheet HTML 49Page - Tyco Electronics ADE12 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 326 page
background image
TSS Series
B18
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Vertical, Single or Dual Actuator
MATERIAL SPECIFICATIONS:
Contacts ....................................Copper w/gold plate over nickel
Case Material ............................High temperature polyester (94-VO)
Actuator Material ......................Polyester (94-VO)
Terminals ..................................Copper alloy tin/lead/nickel or gold/nickel
Terminal Seal ............................Epoxy standard: single pole, optional: double
pole
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ............-4°F to + 176°F (-20°C to + 80°C)
Storage Temperature ................-4°F to + 176°F (-20°C to + 80°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA max. @ 20 VDC or peak AC
Initial Contact Resistance ........20 Millohms max.
Contact Timing ........................Non-shorting
Insulation Resistance ..............1,000 Megohms min. @ 500 VDC
Dielectric Strength ..................1,000 Volts RMS @ sea level
Plunger/Actuator Travel ...........0.120” (3.05)
Life Expectancy ......................Up to 60,000-80,000 Cycles
SPST/SPDT
TSS11DGPC
Extended Actuator
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
2-1437579-5
TSS41NGPC
4PDT
N
On
None
On
SPST/SPDT (DUAL)
TSS11DG1PC
Extended Actuator
Act. Code
Extended Dual Actuator
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Tyco Electronics
Alcoswitch
Type
P. M6
1437578-3
TSS11AGPC
SPST
A
On
None
Off
—
TSD21AAGPC
2 x SPST
A
On
None
Off
1-1437589-0
TSS11DGPC
SPDT
D
On
None
On
1437579-5
TSD21DDGPC
2 x SPDT
D
On
None
On
1-1437579-4
TSS11EGPC
SPDT
E
On
Off
On
Flush Actuator
Flush Dual Actuator
—
TSS11AG1PC
SPST
A
On
None
Off
—
TSD21DDG1PC
2 x SPDT
D
On
None
On
1437579-8
TSS11DG1PC
SPDT
D
On
None
On
1-1437579-2
TSS11EG1PC
SPDT
E
On
Off
On
Note: No center terminals on “A” action switches.
TSD21AAGPC
TSD21DDG1PC
TSS21NGPC
4PDT
TSS41NGPC
.400
(10.2)
.220
(5.59)
.105
(2.67)
.100
(2.54)
SQ.
.020
(.508)
TYP.
.360
(9.14)
.110
(2.79)
.130
(3.30)
.380
(9.65)
.100
(2.54)
TYP.
.043
(1.09)
TYP.
DIA.
.030
(.762)
TYP.
.100
(2.54)
TYP.
.200
(5.08)
.320
(8.13)
3
2
1
6
5
4
.020
(.508)
TYP.
.130
(3.30)
.380
(9.65)
.100
(2.54)
TYP.
.400
(10.2)
.220
(5.59)
.105
(2.67)
.100
(2.54)
SQ.
.020
(.508)
TYP.
.206
(5.23)
.110
(2.79)
.130
(3.30)
.380
(9.65)
.100
(2.54)
TYP.
.043
(1.09)
TYP.
DIA.
.030
(.762)
TYP.
.100
(2.54)
TYP.
.320
(8.13)
3
2
1
.020
(.508)
TYP.
.130
(3.30)
.380
(9.65)
.100
(2.54)
TYP.
.400
(10.2)
.220
(5.59)
.105
(2.67)
TYP.
.360
(9.14)
.160
(4.06)
.043
(1.09)
TYP.
DIA.
.030
(.762)
TYP.
.100
(2.54)
TYP.
.200
(5.08)
.320
(8.13)
3
2
1
6
5
4
.234
(5.94)
.080
(2.03)
.100
(2.54)
.110
(2.79)
.320
(8.13)
.130
(3.30)
.360
(9.14)
.620
(15.8)
.020
(.508)
TYP.
.030
(.762)
TYP.
.235
(5.97)
.100
(2.54)
TYP.
3
2
1
6
5
4
9
8
7
12
11
10
.100
(2.54)
TYP.
.200
(5.08)
.043
(1.09)
TYP. DIA.
Extended Actuator
Act. Code
Flush Actuator
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Tyco Electronics
Alcoswitch
Type
P. M6
1-1437579-6
TSS21KGPC
DPST
K
On
None
Off
—
TSS21KG1PC
DPST
K
On
None
Off
1-1437579-9
TSS21NGPC
DPDT
N
On
None
On
1-1437579-7
TSS21NG1PC
DPDT
N
On
None
On
2-1437579-3
TSS21PGPC
DPDT
P
On
Off
On
2-1437579-1
TSD21RG1PC
DPDT
P
On
Off
On
Note: No center terminals on “K” action switches.
TSS21PGPC
DPST/DPDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com