Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 63 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 63 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 59Page - Tyco Electronics ADE12 Datasheet HTML 60Page - Tyco Electronics ADE12 Datasheet HTML 61Page - Tyco Electronics ADE12 Datasheet HTML 62Page - Tyco Electronics ADE12 Datasheet HTML 63Page - Tyco Electronics ADE12 Datasheet HTML 64Page - Tyco Electronics ADE12 Datasheet HTML 65Page - Tyco Electronics ADE12 Datasheet HTML 66Page - Tyco Electronics ADE12 Datasheet HTML 67Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 326 page
background image
B35
B
SSJ Series
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Slide Switches, Micro Size, Instrumentation Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad plate over copper alloy
Cover Base Material ................Polyester
Actuator Material ....................Polyacetal
Terminals ................................Silver over nickel plate over copper alloy
Terminal Seal ..........................Molded in
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+14°F to +140°F (-10°C to +60°C)
Storage Temperature................-4°F to +140°F (-20°C to +60°C)
Solder Heat Resistance ............270°C+10°C, 5 seconds per MIL-STD-202,
Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................100 Milliamps @ 12 VDC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Make before break
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuation Force ......................250 Grams, (+200g, -150g)
Actuator Travel........................0.079” (2.01)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
SPDT
.047
(1.20)
.138
(3.50)
.118
(3.00)
.157
(4.00)
.024
(0.60)
TYP.
.098
(2.50)
.100
(2.54)
.098
(2.50)
.079
(2.00)
.059
(1.50)
.402
(10.2)
.157
(4.00)
.016
(0.40)
SP3T
Part Number
Tyco Electronics
Alcoswitch Plating
Mounting Style
3-1437575-1
SSJ12
Silver
Upright
Part Number
Tyco Electronics
Alcoswitch Plating
Mounting Style
3-1437575-2
SSJ12R
Silver
Right Angle
Part Number
Tyco Electronics
Alcoswitch Plating
Mounting Style
3-1437575-3
SSJ13
Silver
Upright
.047
(1.20)
.016
(0.40)
.118
(3.00)
.315
(8.00)
.079
(2.00)
.024
(0.60)
.098
(2.50)
.079
(2.00)
.079
(2.00)
TYP.
.079
(2.00)
.059
(1.50)
.622
(15.8)
.157
(4.00)
.047
(1.20)
.118
(3.00)
.157
(4.00)
.024
(0.60)
TYP.
.098
(2.50)
0.79
(2.00)
.079
(2.00)
.079
(2.00)
.059
(1.50)
.402
(10.2)
.157
(4.00)
.016
(0.40)
SSJ13
SSJ12R
SSJ12
.038
(0.97)
No. 62 Drill
3 Plcs
.079
(2.00)
.038
(0.97)
No. 62 Drill
3 Plcs
.079
(2.00)
.038
(0.97)
No. 62 Drill
4 Plcs
.079
(2.00)
.315
(8.00)
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
PCB Hole Layout
PCB Hole Layout
PCB Hole Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com