Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 23 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 19Page - Tyco Electronics ADE12 Datasheet HTML 20Page - Tyco Electronics ADE12 Datasheet HTML 21Page - Tyco Electronics ADE12 Datasheet HTML 22Page - Tyco Electronics ADE12 Datasheet HTML 23Page - Tyco Electronics ADE12 Datasheet HTML 24Page - Tyco Electronics ADE12 Datasheet HTML 25Page - Tyco Electronics ADE12 Datasheet HTML 26Page - Tyco Electronics ADE12 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 326 page
background image
A23
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DRD "E" Series
Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold flashed copper alloy
Terminals ................................Tin lead plated brass
Base, Rotor, Case ....................PC, Glass filled PBT resin (blue case)
SMT, Polymide (white case)
Movable Contact......................Gold flashed copper alloy
Ball Support Plate....................Copper alloy
Detent Spring ..........................Stainless steel (spring)
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-22ºF to +185ºF (-30°C to +85°C)
Storage Temperature................-49ºF to 212ºF (-45°C to +100°C)
Vibration Resistance................Subjected to vibration of 10-55hz per
second with a total amplitude of .06 in. in 3
mutually perpendicular directions for 2
hours each
Shock Resistance ....................Will withstand 50G acceleration in 3
different planes for a period of 11
milliseconds
Salt Spray Test ........................Withstands an atmosphere of 5% salt water
at temperature of 50°C
Hydrogen Sulfide Test ............Withstands an atmosphere of 15-20 PPM
hydrogen sulfide gas at temperature of
40°C for 240 hours
Atmospheric Test ....................Withstands an atmosphere of 30-50 PPM
sulfite gas at a temperature of 40°C for 240
hours
Solder Heat Resistance ............Withstands 5 sec. flow solder bath of
260°C when mounted on a .06" thick PC
board per MIL-STD 202, Method 210
Bubble Test..............................Withstands submersion in 60°C Flouriert
for 1 min. without leakage
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA @ 20 VDC max.
Initial Contact Resistance ........50 Milliohms max. @ 2 VDC
Insulation Resistance ..............1,000 Megohms min. @100 VDC
Dielectric Strength ..................300 VAC RMS @ sea level
Operating Force ......................6 Oz.-in. nom.
SMT Operating Force..............3 Oz.-in. nom.
Life Expectancy ......................20,000 Steps
DRD16CE
DRD10E
TRUTH TABLES
Terminal Identification
(view from bottom of the switch)
16-Position Hexadecimal Complement (white actuator)
Pos.
0
1
23456789
A
B
C
D
E
F
C
XXXXXXXXXXXXXXX
X
1
X
X
XXXXXX
2
XX
X
X
XX
XX
4
XXXX
XXXX
8
XXXXX
XXX
10-Position, BCD (red actuator)
Pos.
0123456789
C
X
X
X
XXXXXXX
1
XX
XXX
2
XX
XX
4
X
XXX
8X
X
16-Position, Hexadecimal (black actuator)
Pos.
0123456789
A
B
C
D
E
F
C
XXXXXXXXXXXXXXX
X
1
XX
XXXXXX
2
X
X
XX
XX
XX
4
X
XXX
XXXX
8
XXXXXXXX
10-Position, BCD Complement (orange actuator)
Pos.
0123456789
C
X
XXXXXXXXX
1
XXX
XX
2
XX
X
X
XX
4
X
X
X
X
X
X
8
XXXXX
XXX
VIEW FROM BOTTOM
OF THE SWITCH
ACTUATOR
LOCATION
81
CC
24
8
C
2
1
C
4
NOTE: COMMON TERMINALS ARE CONNECTED INTERNALLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com