Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 22 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 18Page - Tyco Electronics ADE12 Datasheet HTML 19Page - Tyco Electronics ADE12 Datasheet HTML 20Page - Tyco Electronics ADE12 Datasheet HTML 21Page - Tyco Electronics ADE12 Datasheet HTML 22Page - Tyco Electronics ADE12 Datasheet HTML 23Page - Tyco Electronics ADE12 Datasheet HTML 24Page - Tyco Electronics ADE12 Datasheet HTML 25Page - Tyco Electronics ADE12 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 326 page
background image
A22
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
MRD Series
.300
(7.59)
ø
.031
(0.78)
6X
.100
± .005
(2.54
± 0.12)
.100
± .005
(2.54
± 0.12)
.100
± .005
(2.54
± 0.12)
.100
± .005
(2.54
± 0.12)
TOP VIEW
P.C. LAYOUT (THRU HOLE)
P.C. LAYOUT (SURFACE MOUNT)
1
C
4
8
C
2
VIEWED FROM BOTTOM SWITCH
TERMINAL IDENTIFICATION
TOP VIEW
.059
(1.49)
.201
(5.10)
.417
(10.6)
Terminations
Blank = PC
S = Outside L. surface mount
Packaging
TR = Tape & reel
(surface mount only)
HOW TO ORDER
TRUTH TABLES
Color Code
Circuit Type
Actuator Color
10
Red
10C
Orange
16
Green
16C
White
MRD
Circuit Types
10 - BCD
10C = BCD complement
16 = Hexadecimal
16C = Hexadecimal complement
16-Position Hexadecimal Complement (white actuator)
Pos.
0123456789
A
B
C
D
E
F
C
X
X
X
X
X
X
XXXXXXXXXX
1
XXX
XXXXX
2
X
X
X
X
XX
XX
4
XXXX
XXXX
8
XXXXX
XXX
10-Position, BCD (red actuator)
Pos.
0123456789
C
XXXXXXXXXX
1
XXXXX
2
XX
XX
4
X
X
X
X
8X
X
16-Position, Hexadecimal (green actuator)
Pos.
0
1
2
3
456789
A
B
C
D
E
F
C
XXXXXXXXXXXXXXX
X
1
XX
XXXXXX
2
XX
XX
XX
XX
4
X
XXX
XXXX
8
XXXXXXXX
10-Position, BCD Complement (orange actuator)
Pos.
0123456789
C
X
X
X
X
X
X
XXXX
1
XXX
XX
2
X
X
X
X
XX
4
XXXX
XX
8
XXXXX
XXX
Rotary DIP Switches, Low Profile, Process Sealed, 7MM, Through Hole
and Surface Mount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com