Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 80 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 80 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 76Page - Tyco Electronics ADE12 Datasheet HTML 77Page - Tyco Electronics ADE12 Datasheet HTML 78Page - Tyco Electronics ADE12 Datasheet HTML 79Page - Tyco Electronics ADE12 Datasheet HTML 80Page - Tyco Electronics ADE12 Datasheet HTML 81Page - Tyco Electronics ADE12 Datasheet HTML 82Page - Tyco Electronics ADE12 Datasheet HTML 83Page - Tyco Electronics ADE12 Datasheet HTML 84Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 326 page
background image
C4
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Toggle Switches
Toggle Switches, Poles, Throws & Functions Selection Guide
SPDT
ATE
Gemini
Tiny/TST
Green
ATE
Gemini
Tiny/TST
Green
ATE
Gemini
Tiny/TST
Green
ATE
Gemini
Green
TST
Gemini
Green
Tiny
DPDT
ATE
Gemini
Tiny
Green
ATE
Gemini
Tiny
Green
Gemini
Tiny
Green
ATE
Gemini
Green
Gemini
Green
Gemini
Green
Gemini
Green
Gemini
Green
Tiny
On - None - On
2 Position
On - Off - On
3 Position
On - None - (On)
2 Position
(On) - Off - (On)
3 Position
On - Off - (On)
3 Position
On - On - On
3 Position
(On) - On - (On)
3 Positions
On - On - (On)
3 Position
On - Off
2 Position
4PDT
Tiny
Green
ATE
Tiny
Green
Tiny
Green
3PDT
Green
Green
Green
Green
Green
ATE Series ................0.4VA ..............Page C19
A/AE Series 0.4VA ..5 Amps............Page C22/35
SERIES/CURRENT RATING/PAGE NUMBER
TT Series ..............0.4VA 3 Amps ..............Page C8
TST Series ............0.4VA ............................Page C5
MT Series ..............6 Amps ..........................Page C43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com