Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 116 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 116 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 112Page - Tyco Electronics ADE12 Datasheet HTML 113Page - Tyco Electronics ADE12 Datasheet HTML 114Page - Tyco Electronics ADE12 Datasheet HTML 115Page - Tyco Electronics ADE12 Datasheet HTML 116Page - Tyco Electronics ADE12 Datasheet HTML 117Page - Tyco Electronics ADE12 Datasheet HTML 118Page - Tyco Electronics ADE12 Datasheet HTML 119Page - Tyco Electronics ADE12 Datasheet HTML 120Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 326 page
background image
D26
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MPS Series
Pushbutton Switches, Snap Action, PC or Wire Wrap Tails, 3 Amp
DIM “A”
.420
(10.67)
.315
(8.00)
.315
(8.00)
1/4-40 UNS-2A
.394
(10.00)
.250
(6.35)
.180
(4.57)
.512
(13.00)
.512
(13.00)
.315
(8.00)
.030
(.762)
TYP.
.043
(1.09)
.189
(4.80)
.197
(5.00)
.512
(13.00)
.020 Dp. x .040 W
(0.50 Dp. x 1.00 W)
KEYWAY
Part Number
Tyco
Alcoswitch
Type
Action
Dim."A"
Terminals
Electronics
6-1437567-7
MPS103FWW
SPDT
Momentary
.040(1.01)
Extended PC
MPS203NWW
DPDT
Push-on/Off
.100(2.54)
Extended PC
7-1437567-6
MPS203RWW
DPDT
Momentary
.040(1.01)
Extended PC
MPS103FWW
MPS203RWW
DIM “A”
DIM
“B”
.315
(8.00)
.665
(16.90)
.622
(15.80)
.081
(.79)
TYP.
.177
(4.49)
TYP.
.252
(6.40)
.043
(1.09)
.197
(5.00)
.126
(3.20)
.035
(0.90)
.134
(3.40)
.177
(4.49)
TYP.
.067
(1.70)
TYP. DIA.
.059
(1.49)
TYP. DIA.
.189
(4.80)
.185
(4.69)
.315
(8.00)
.043
(1.09)
TYP.
.642
(16.30)
.520
(13.21)
.197
(5.00)
14
25
36
.512
(13.00)
.512
(13.00)
.622
(15.70)
1
2
3
.126
(3.20)
.063
(1.60)
.134
(3.40)
.177
(4.49)
TYP.
.067
(1.70)
TYP. DIA.
.059
(1.49)
TYP. DIA.
.622
(15.70)
.197
(5.00)
.180
(4.57)
TYP.
.067
(1.70)
TYP. DIA.
.180
(4.57)
TYP.
.067
(1.70)
TYP. DIA.
SPDT/DPDT
SPDT/DPDT
MPS103FPC
MPS203RPC
SPDT/DPDT
MPS103FPCV
MPS203RPCV
KEYWAY
DIM “A”
.315
(8.00)
.315
(8.00)
1/4-40 UNS-2A
.394
(10.00)
.031
(.787)
TYP.
.748
(19.00)
.043
(1.09)
.685
(17.40)
.512
(13.00)
.250
(6.35)
DIA.
.250
(6.35)
DIA.
.177
(4.49)
TYP.
.093
(2.36)
DIA.
.229
(5.81)
.244
(6.19)
.032
(0.81)
.512
(13.00)
.512
(13.00)
.315
(8.00)
.197
(5.00)
14
25
36
.177
(4.49)
TYP.
.512
(13.00)
1
2
3
Caps not supplied, order separately. (See Cap Model C22 and C23 on Page D32.)
Caps not supplied, order separately.
(See Cap Model C22 and C23 on Page D32.)
Caps not supplied, order separately.
(See Cap Model C22 and C23 on Page D32.)
SEE PAGE D25 FOR PRODUCT SPECIFICATIONS
Part Number
Tyco
Alcoswitch
Type
Action
Dim."A"
Terminals
Electronics
6-1437567-0
MPS103DPC
SPDT
Push-on/Off
.100
PC Terminals
6-1437567-4
MPS103FPC
SPDT
Momentary
.040
PC Terminals
6-1437567-9
MPS203NPC
DPDT
Push-on/Off
.100
PC Terminals
7-1437567-3
MPS203RPC
DPDT
Momentary
.040
PC Terminals
Part Number
Tyco
Alcoswitch
Type
Action
Dim."A" Dim."B"
Terminals
Electronics
6-1437567-1
MPS103DPCV
SPDT
Push-on/Off .080(2.03) .315(8.00)
PC w/support
6-1437567-5
MPS103FPCV
SPDT
Momentary
.040(1.01) .295(7.49)
PC w/support
7-1437567-4
MPS203RPCV
DPDT
Momentary
.040(1.01) .295(7.49)
PC w/support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com