Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 134 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 134 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 130Page - Tyco Electronics ADE12 Datasheet HTML 131Page - Tyco Electronics ADE12 Datasheet HTML 132Page - Tyco Electronics ADE12 Datasheet HTML 133Page - Tyco Electronics ADE12 Datasheet HTML 134Page - Tyco Electronics ADE12 Datasheet HTML 135Page - Tyco Electronics ADE12 Datasheet HTML 136Page - Tyco Electronics ADE12 Datasheet HTML 137Page - Tyco Electronics ADE12 Datasheet HTML 138Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 326 page
background image
TPB/TPC and TP Series
D10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Tiny, Straight or Right Angle, Flush Actuator
®
TPB SERIES
TPB SERIES
TPC SERIES
Model
Gold Contacts
Type
Act. Code P. M6
Action
Bushing Type
TPBF11CGPC(*)
SPST
C
N.O. Momentary
Unthreaded
TPBF11FGPC(*)
SPDT
F
Momentary
Unthreaded
TPCF11CGPC(*)
SPST
C
N.O. Momentary
Threaded
TPCF11FGPC(*)
SPDT
F
Momentary
Threaded
(*) Specify button color by adding suffix numbers: (0) Black, (2) Red.
Note: No center terminal on “C” action switch.
SPST/SPDT
PC 10-48 Bushing
Model
Gold Contacts
Type
Act. Code P. M6
Action
Bushing Type
TPBF11CGRA(*)
SPST
C
N.O. Momentary
Unthreaded
TPBF11FGRA(*)
SPDT
F
Momentary
Unthreaded
TPCF11CGRA(*)
SPST
C
N.O. Momentary
Threaded
TPCF11FGRA(*)
SPDT
F
Momentary
Threaded
(*) Specify button color by adding suffix numbers: (0) Black, (2) Red.
Note: No center terminal on “C” action switch.
SPST/SPDT
RA 10-48 Bushing
3
2
1
.210
(5.30)
.320
(8.10)
.020
(0.51)
TYP.
.172
(4.37)
TO FLAT
.230
(5.80)
.130
(3.30)
.030
(0.76)
.340
(8.64)
.220
(5.59)
.140
(3.60)
.030
(0.76)
TYP.
.172
(4.37)
TO FLAT
.236
(5.99)
DIA.
.043
(1.09)
.100
(2.54)
DIA. TYP.
.100
(2.54)
.200
(5.08)
.186
(4.72)
DIA.
.220
(5.60)
10-48 UNS-2A
TPBF11FGPC
TPCF11CGPC
TPBF11CGRA
.043
(1.09)
DIA. TYP.
.100
(2.54)
3
2
1
.210
(5.30)
.030
(0.76)
.320
(8.10)
.130
(3.30)
.020
(0.51)
TYP.
.340
(8.60)
.220
(5.60)
10-48 UNS-2A
.172
(4.37)
TO FLAT
.220
(5.60)
.
SEE PAGE D6 FOR PRODUCT SPECIFICATIONS
SPST/SPDT
Wire Lugs 10-48 Bushing
TPCF13C
3
2
1
.210
(5.30)
.080
(2.00)
.320
(8.10)
.194
(4.93)
DIA.
.172
(4.37)
TO FLAT
.082
(2.08)
.240
(6.10)
DIA.
.220
(5.60)
.110
(2.80)
.020
(0.51)
TYP.
.040 W. x .080 L.
(1.00 W. x 2.00 L.)
.100
(2.54)
TYP.
.340
(8.60)
10-48 UNS-2A
OBLONG HOLE
Model
Silver Contacts
Type
Act. Code P. M6
Action
Bushing Type
TPCF13C(*)
SPST
C
N.O. Momentary
Threaded
TPCF13F(*)
SPDT
F
Momentary
Threaded
(*) Specify button color by adding suffix numbers: (0) Black, (2) Red.
Note: No center terminal on “C” action switch.
.236
(5.99)
DIA.
.172
(4.37)
TO FLAT
.
.186
(4.72)
DIA.
.
TPC SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com