Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 192 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 192 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 188Page - Tyco Electronics ADE12 Datasheet HTML 189Page - Tyco Electronics ADE12 Datasheet HTML 190Page - Tyco Electronics ADE12 Datasheet HTML 191Page - Tyco Electronics ADE12 Datasheet HTML 192Page - Tyco Electronics ADE12 Datasheet HTML 193Page - Tyco Electronics ADE12 Datasheet HTML 194Page - Tyco Electronics ADE12 Datasheet HTML 195Page - Tyco Electronics ADE12 Datasheet HTML 196Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 326 page
background image
F17
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
Gemini Series Rocker/Paddle Switches
Rocker/Paddle Switches, AE Series, Process Sealed, Part Number Matrix
MATERIAL SPECIFICATIONS:
Terminal Seal ..........................Epoxy (standard)
Process Sealing ........................Seals will withstand wave soldering and
subsequent cleaning operations.
Contact/Terminals ..................Gold/gold flash over tin/lead
Silver/tin lead
Case Material ..........................Thermoplastic
Actuator Material ....................Polyamide
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +185°F (-20°C to +85°C)
Storage Temperature................-49°F to +212°F (-45°C to +100°C)
Meets MIL-STD-202, method 112C, Test Condition A & D 85°C.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Silver: 2 A @ 250 VAC, 5 A @ 125 VAC
Silver: 2 A @ 30 VDC
Gold: 0.4 VA @ 20 VDC max.
Contact Resistance ..................30 Milliohms max. initial
Insulation Resistance ..............1,000 Megohms min. @ 500 VDC.
Dielectric Strength ..................1,000 Volts RMS @ sea level initial
Static Withstanding..................15KV Per IEC 801-2.
Electrical Life ..........................Up to 30,000 Cycles
Actuator Travel........................25°
Contact Timing ........................Break before make
PART NUMBERING
Standard
J1
Standard
AE1
AE2
Single Pole
Double Pole
01 On-On
03 On-Off-On
05 (On)-Off-(On)
U.L. Available upon request
Rocker
J50 Small
Paddle
J2
Small
J60
B Gold
Silver
Q
G Gold over
Silver
UL
(Q or G)
contacts
only
0 Black
(Std.)
2 Red
Actuator
Model
Function
Actuator
Terminal
Contact
Color
Option
Vert. Right
Angle
Printed Circuit
Vertical
Support Bracket
Vertical Right Angle
Z
Wire Lug
A
Right Angle
C
V5
V3
V4
W
Z3 Quick Connect
AV2
OPTIONAL:
UL recognized under the Component Program Underwriters Laboratories Inc.
File #E46765
CSA Certified File #LR65901
DESIGN
Wire Wrap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com