Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 222 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 222 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 218Page - Tyco Electronics ADE12 Datasheet HTML 219Page - Tyco Electronics ADE12 Datasheet HTML 220Page - Tyco Electronics ADE12 Datasheet HTML 221Page - Tyco Electronics ADE12 Datasheet HTML 222Page - Tyco Electronics ADE12 Datasheet HTML 223Page - Tyco Electronics ADE12 Datasheet HTML 224Page - Tyco Electronics ADE12 Datasheet HTML 225Page - Tyco Electronics ADE12 Datasheet HTML 226Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 326 page
background image
Reliant'22
Pushbutton or Keylock or Selector Switches, 22mm, Oil-Tight
I
I5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
2 POSITION SELECTORS/KEYLOCK MAINTAINED
Metal Bushings
Contact blocks not supplied, order separately.
(See page I8.)
Tyco Electronics Alcoswitch Action
Throw CAM Remove Key
7-1437614-7
RM4040
Maintained, Black
120°
1
Long Selector
7-1437614-0
RM3040
Maintained, Black
120°
1
Selector
5-1437614-4
RM200
Maintained
60°
1
5-1437614-5
RM201
Maintained
60°
1
6-1437614-5
RM250
Momentary, Right
60°
1
5-1437614-6
RM204
Maintained
120°
1
5-1437614-7
RM205
Maintained
120°
1
1437614-1
E1
Spare Key
Note: Front beveled frame is black.
QM010(*)
QT010(*)
60
°
60
°
.039 - .236
(.99 - 5.99)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.34
(34.0)
.039 - .236
(.99 - 5.99)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.04
(26.5)
MOMENTARY
Metal Bushings
Contact blocks not supplied, order separately. (See page I8.)
Model
Type
QM010(*)
Flush Button
QM020(*)
Extended Button
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue,
(8) Grey, (9) White.
Note: Front beveled frame is black.
Thermoplastic Bushings (Threaded)
Contact blocks not supplied, order separately. (See page I8.)
Model
Type
QT010(*)
Flush Button
QT020(*)
Extended Button
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
3 POSITION SELECTORS
Short Handle, Metal Bushings
Contact blocks not supplied, order separately. (See page I8.)
Tyco Electronics Alcoswitch Action
CAM Tyco Electronics Alcoswitch Action
CAM
7-1437614-1
RM3100
Maintained,
2
7-1437614-4
RM3700
Momentary,
2
Black
Right Side, Black
7-1437614-2
RM3120
Maintained,
3
7-1437614-5
RM3800
Double Momentary, 2
Black
Black
7-1437614-3
RM3130
Maintained,
4
7-1437614-6
RM3830
Double Momentary, 4
Black
Black
Note: Front beveled frame is black.
Long Handle, Metal Bushings
Contact blocks not supplied, order separately. (See page H8.)
Tyco Electronics Alcoswitch Action
CAM Tyco Electronics Alcoswitch Action
CAM
7-1437614-8
RM4100
Maintained
2
—
RM4700
Momentary,
2
Right Side
—
RM4120
Maintained
3
7-1437614-9
RM4800
Double Momentary 2
—
RM4130
Maintained
4
Note: Front beveled frame is black.
RM3100
RM4100
.039-.236
.99-5.99)
1.024
(26.0)
1.16
(29.5)(
1.04
(26.5)
(
60° Throw between
positions
60
°
60
°
.039-.236
(.99-5.99)
1.024
(26.0)
1.54
(39.0)
1.04
(26.5)
60
°
60
°
60° Throw between
positions
RM4040
RM200/201 with/2 keys
RM3040
Panel
Thickness
Panel
Thickness
Panel
Thickness
.039 - .236
(.99 - 5.99)
1.024
(26.0)
1.024
(26.0)
1.53
(38.9)
1.16
(29.5)
Panel
Thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com