Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 227 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 227 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 223Page - Tyco Electronics ADE12 Datasheet HTML 224Page - Tyco Electronics ADE12 Datasheet HTML 225Page - Tyco Electronics ADE12 Datasheet HTML 226Page - Tyco Electronics ADE12 Datasheet HTML 227Page - Tyco Electronics ADE12 Datasheet HTML 228Page - Tyco Electronics ADE12 Datasheet HTML 229Page - Tyco Electronics ADE12 Datasheet HTML 230Page - Tyco Electronics ADE12 Datasheet HTML 231Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 326 page
background image
Joystick
I
Joystick, 22mm
I10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
1.34
(34.0)
1.063
(27.0 )
3.50
(89.0)
1
1
3
2
2
3
V40 V40
V50 V50
4
4
25
°
25
°
3
4
21
V40
V50
V40
V50
5 POSITION JOYSTICK (4 Action + Center-Off)
Metal Bushing
Maintained or momentary models, inherent design requires use of
N.O. and N.C. contact blocks. Supplied with legend plate, and
black knob. Contact blocks not supplied, order separately.
(See page I8.)
Tyco Electronics Alcoswitch Description
1437609-2
M25310
Momentary, 3 Position
—
(ON)
OFF
(ON)
—
1437609-3
M25500
Maintained, 5 Position ON
ON
OFF
ON
ON
1437609-4
M25510
Momentary, 5 Position (ON)
(ON)
OFF
(ON)
(ON)
(ON) indicates momentary position
Note: All positions are mutually exclusive and action must pass through neutral for all
changes of operator level.
CONTACT ARRANGEMENT
Contact blocks should be placed as shown. All contacts are held
open in neutral position. Each numbered contact closed when
activated. M25310 operators require one N.O. and one N.C.
contact block, and M25500 and M25510 require two N.O. and
two N.C. blocks.
M25310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com