Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 234 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 234 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 230Page - Tyco Electronics ADE12 Datasheet HTML 231Page - Tyco Electronics ADE12 Datasheet HTML 232Page - Tyco Electronics ADE12 Datasheet HTML 233Page - Tyco Electronics ADE12 Datasheet HTML 234Page - Tyco Electronics ADE12 Datasheet HTML 235Page - Tyco Electronics ADE12 Datasheet HTML 236Page - Tyco Electronics ADE12 Datasheet HTML 237Page - Tyco Electronics ADE12 Datasheet HTML 238Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 326 page
background image
Command Series
I
Selector or Keylock Switches, 16mm
I17
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FEATURES:
Command Series Selector & Keylock Switches are 2 & 3-position
rotary types with snap-acting double break contacts. All models
have 90° throw. Contacts are silver-clad and gold-plated to
provide reliable operation at logic levels as well as for power
switching applications. Contacts are electrically isolated from one
another. Keylock types are supplied with two keys. Oiltight
models meet NEMA 1, 12 & 13 requirements.
UL Recognized File E-51302
CSA LR-20479
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold plate over silver clad
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA @ 20 VDC or Peak AC
5 A @ 250 VAC or 24 VDC (Resistive)
Initial Contact Resistance ........20 Milliohms max.
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................1,500 VAC
Life Expectancy ......................100,000 Operations at rated current
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +158°F (-20°C to +70°C)
2 Position Keylocks
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch
Contact
Action
Electronics
Electronics
1-1437569-1
164J2A11
4-1437569-7 165J2A11 1N.O. & N.C. Maintained, key pull left
1-1437569-2
164J2A22
—
165J2A22 2N.O. & N.C. Maintained, key pull left
—
164J2A33
—
165J2A33 3N.O. & N.C. Maintained, key pull left
1-1437569-3
164J2B11
—
165J2B11 1N.O. & N.C. Maintained, key pull both
1-1437569-4
164J2B22
—
165J2B22 2N.O. & N.C. Maintained, key pull both
—
164J2B33
—
165J2B33 3N.O. & N.C. Maintained, key pull both
1437569-9 164J0A11
1N.O. & N.C. Momentary right, key pull left
1-1437569-0
164J0A22
2N.O. & N.C. Momentary right, key pull left
—
164J0A33
3N.O. & N.C. Momentary right, key pull left
3 Position Keylocks
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch Contact
Action
Electronics
Electronics
—
164J3A22
—
165J3A22 2N.O. & N.C.
Maintained, key pull left
1-1437569-5 164J3A33
—
165J3A33 3N.O. & N.C.
Maintained, key pull left
—
164J3E22
—
165J3E22
2N.O. & N.C.
Maintained, key pull center
—
164J3E33
—
165J3E33
3N.O. & N.C.
Maintained, key pull center
1-1437569-6 164J3C22
—
165J3C22 2N.O. & N.C.
Maintained, key pull all
—
164J3C33
—
165J3C33 3N.O. & N.C.
Maintained, key pull all
—
164J7A22
—
165J7A22 2N.O. & N.C.
Momentary right, key pull left
1-1437569-8 164KA
—
—
—
Spare Keys
.625
15.87
DIA.NOM.
1.673
(42.49)
.334
(8.50)
.413
(10.50)
1.004
(25.50)
.709
(18.00)
.945
(24.00)
Non-Oiltight
Oiltight
Tyco
Alcoswitch
Tyco
Alcoswitch
Contact
Action
Electronics
Electronics
2-1437569-0 164P2B11
4-1437569-8 165P2B11
1N.0. & N.C.
2 Pos. Maintained
2-1437569-1 164P2B22
—
165P2B22
2N.0. & N..C.
2 Pos. Maintained
—
164P2B33
—
165P2B33
3N.0. & N.C.
2 Pos. Maintained
1-1437569-9 164P0B22
2N.0. & N.C.
2 Pos. Momentary Right
—
164P0B33
3N.O. & N.C.
2 Pos. Momentary Right
2-1437569-2 164P3B22
—
165P3B22
2N.O. & N.C.
3 Pos. Center Off/Maintained
2-1437569-3 164P3B33
—
165P3B33
3N.O. & N.C.
3 Pos. Center Off
.625
15.87
DIA.NOM.
1.673
(42.49)
.728
(18.49)
.945
(24.00)
.334
(8.50)
.709
(18.00)
DIA.
.413
(10.50)
SELECTORS
164P2B11
164J2A11
KEYLOCKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com