Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 268 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 268 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 264Page - Tyco Electronics ADE12 Datasheet HTML 265Page - Tyco Electronics ADE12 Datasheet HTML 266Page - Tyco Electronics ADE12 Datasheet HTML 267Page - Tyco Electronics ADE12 Datasheet HTML 268Page - Tyco Electronics ADE12 Datasheet HTML 269Page - Tyco Electronics ADE12 Datasheet HTML 270Page - Tyco Electronics ADE12 Datasheet HTML 271Page - Tyco Electronics ADE12 Datasheet HTML 272Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 326 page
background image
SPUN ALUMINUM
INLAY
180˚
BLACK
INDICATOR
LINE
B
C
D
E
F
NO. 6-32
SET SCREW
A
5
6
4
36˚
K19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
K
P Series
Knobs, Molded Phenolic
PKS SERIES
Straight Knurl with Indicator Line on Skirt
Tyco
Electronics Alcoswitch
A
B
C
D
E
F
9-1437624-5
PKS1104B1/4
1.12(28.5)
.567(14.4)
.620(15.8)
.090(2.29)
.510(12.95) .670(17.0)
PKS SERIES
Straight Knurl Aluminum Skirt Has Line or 0-9 Numbers
Tyco
Electronics Alcoswitch
A
B
C
D
E
F
Marking
9-1437624-4
PKS1103B101/4 1.17(29.6)
.571(14.5)
.620(15.7)
.098(2.49)
.516(13.1)
.670(17.0)
Numbers
9-1437624-7
PKS1106B1/4
1.17(29.6)
.571(14.5)
.618(15.7)
.098(2.49)
.516(13.1)
.670(17.0)
Line
9-1437624-6
PKS1105B101/4 1.17(29.6)
.571(14.5)
.618(15.7)
.098(2.49)
.516(13.1)
.670(17.0)
Numbers
PKS SERIES
A
˜
SPUN ALUMINUM INLAY
180˚
WHITE INDICATOR LINE
B
C
D
E
F
NO. 6-32
SET SCREW
Choice of Indicator Line or 0-9, 0-10, -5+5 Numerals
Tyco
Electronics Alcoswitch
A
B
C
D
E
F
Marking
1437625-1
PKS1132B51/4 1.18(30.0)
.551(14.0)
.551(14.0)
.118(30.0)
.615(15.62) .748(19.0)
+5-0-5
1437625-2
PKS1132B91/4 1.18(30.0)
.551(14.0)
.551(14.0)
.118(30.0)
.615(15.62) .748(19.0)
0-9
9-1437624-9
PKS1132B101/41.18(30.0)
.551(14.0)
.551(14.0)
.118(30.0)
.615(15.62) .748(19.0)
0-10
9-1437624-8
*PKS1132B1/4 1.18(30.0)
.551(14.0)
.551(14.0)
.118(30.0)
.615(15.62) .748(19.0) Indicator Line
*1 Set screw 180° from indicator line.
B
C
D
E
F
NO. 6-32
SET SCREW
5
6
7
˜
30˚
30˚
30˚
0-10
+5
-5
+5•-5
30
˚
30
˚
0-9
Indicator
Line
5
6
A
SPUN ALUMINUM INLAY
PKS1132B51/4
PKS1104B1/4
PKS1106B1/4
PKS1105B101/4
PKS1103B101/4
PKS1132B91/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com