Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 284 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 284 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 280Page - Tyco Electronics ADE12 Datasheet HTML 281Page - Tyco Electronics ADE12 Datasheet HTML 282Page - Tyco Electronics ADE12 Datasheet HTML 283Page - Tyco Electronics ADE12 Datasheet HTML 284Page - Tyco Electronics ADE12 Datasheet HTML 285Page - Tyco Electronics ADE12 Datasheet HTML 286Page - Tyco Electronics ADE12 Datasheet HTML 287Page - Tyco Electronics ADE12 Datasheet HTML 288Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 326 page
background image
Microswitches
L13
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
.416
(10.6)
Terminal
AMP
Switch
Operating
Releasing
Pre
Operating
Over
Movement
Part
Style
Position
Force
Force
Travel
Position
Travel Differential Number
TAB
1478600-4
PCB
5
SPDT
60g
4.0g
2.5 m/m
14.5 ±0.8
0.8 m/m
0.5 m/m
1478601-4
Solder
[.098]
[.570±.031]
[.031]
[.020]
1478602-4
Terminal
AMP
Switch
Operating
Releasing
Pre
Operating
Over
Movement
Part
Style
Position
Force
Force
Travel
Position
Travel Differential Number
TAB
1478600-5
PCB
5
SPDT
40g
3.0g
3.6 m/m
11.6 ±0.8
0.8 m/m
0.6 m/m
1478601-5
Solder
[.142]
[.457±.031]
[.031]
[.024]
1478602-5
Subminiature Roller Lever
Subminiature Simulator Lever
Product Facts
n Available in tab, PCB or
solder terminals
n Roller lever for increased
operating position
Roller Lever
Product Facts
n Available in tab, PCB, or
solder terminals
n Simulator lever for
operating position between
a roller and a lever
Simulator Lever
P.T
O.P
.569
(14.5)
.297
(7.55)
.297
(7.55)
.112
(2.80)
.063
(1.60)
.285
(7.25)
.353
(9.00)
.374
(9.50)
.374
(9.50)
.402
(10.2)
.788
(20.0)
.094
(2.40)
.094
(2.40)
.110
(2.80)
.079
(2.00)
.098
(2.50)
P.T
O.P
.416
(10.6)
.646
(16.4)
.112
(2.80)
.063
(1.60)
.286
(7.25)
.353
(9.00)
.373
(9.50)
.373
(9.50)
.402
(10.2)
.788
(20.0)
.110
(2.80)
.094
(2.40)
.094
(2.40)
.079
(2.00)
.098
(2.50)
* Refer to Pages L10 for
Product Specifications
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com