Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE12 Datasheet(PDF) 295 Page - Tyco Electronics

Part # ADE12
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE12 Datasheet(HTML) 295 Page - Tyco Electronics

Back Button ADE12 Datasheet HTML 291Page - Tyco Electronics ADE12 Datasheet HTML 292Page - Tyco Electronics ADE12 Datasheet HTML 293Page - Tyco Electronics ADE12 Datasheet HTML 294Page - Tyco Electronics ADE12 Datasheet HTML 295Page - Tyco Electronics ADE12 Datasheet HTML 296Page - Tyco Electronics ADE12 Datasheet HTML 297Page - Tyco Electronics ADE12 Datasheet HTML 298Page - Tyco Electronics ADE12 Datasheet HTML 299Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 326 page
background image
Index/Matrixes
M10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
M
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Alcoswitch & Tyco Electronics Power Tool Switches Application Worksheet
Required Information
Electrical Considerations:
Voltage of Applications:__________________________Current of Application:__________________________________________
Circuitry Configuration:
Number of Poles: ____________________________ Number of Throws: ______________________
Number of Operations anticipated: ______________________________________________________________________________
Agency Approvals or Listings Desired: __________________________________________________________________________
Mechanical Considerations
Type of Switch (Actuator Type):
q Toggle
q Pushbutton
q Rotary
q Trigger
q Other
Switch Function: (On/Off/On) ________________________
On/Off ______________________Momentary: ________________
Termination:
q Thru-Hole (PC) q Surface Mount q Wire Lug q Quick Connect q Other
Sealing Contamination Requirements: ____________________________________________________________________________
Product Processing Considerations
Anticipated Soldering Process:
q Hand q Wave q SMT q Other
Optional Information
Electrical Considerations:
Contact Resistance Requirements:
Initial:
____________________________ After Life Cycles: ________________________
Electrostatic Discharge: (E.S.D.) Requirements: __________________________________________________________________
Contact Timing:
q Shorting (Make-Before-Break)
q Non Shorting (Break-Before-Make)
Other Electrical Considerations: ________________________________________________________________________________
Mechanical Considerations
Actuation Force Requirements: ________________________________________________________________________________
Actuator Travel Distance or Degrees of Throw: ____________________________________________________________________
Special Plating Requirements:
Flammability Rating:____________________ Oxygen Index: ______________________
Special Material Requirements:
% Solder Coverage: ____________________
Marking Required: __________________________________________________________________________________________
Desired Product Color Options: ________________________________________________________________________________
Other Mechanical Considerations: ______________________________________________________________________________
Environmental Considerations
Operating Temperature Range:
________________________________________________________________________________
Storage Temperature Range: __________________________________________________________________________________
Chemical Resistance Requirements:
____________________________________________________________________________
Other Environmental Considerations: ____________________________________________________________________________
Required Information For Power Tool Switches Only
Output Characteristics:
Variable Speed, Two Speed, On/Off, etc.: ______________________Reversing/Non-Reversing: ____________________________
Lock-on, Lock-off, or Neither:__________________________________________________________________________________
Hook-up wire size and configuration (i.e. stranded/solder tinned, fused, terminated, etc.) and retention force requirements (how many
pounds pull force and what directions required): ____________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com