Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC4370 Datasheet HTML 1Page - NXP Semiconductors LPC4370 Datasheet HTML 2Page - NXP Semiconductors LPC4370 Datasheet HTML 3Page - NXP Semiconductors LPC4370 Datasheet HTML 4Page - NXP Semiconductors LPC4370 Datasheet HTML 5Page - NXP Semiconductors LPC4370 Datasheet HTML 6Page - NXP Semiconductors LPC4370 Datasheet HTML 7Page - NXP Semiconductors LPC4370 Datasheet HTML 8Page - NXP Semiconductors LPC4370 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
2 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
JTAG and built-in NVIC.
Cortex-M0 subsystem
ARM Cortex-M0 processor controlling the SPI and SGPIO peripherals residing on
a separate AHB multilayer matrix with direct access to 2 kB + 16 kB of SRAM.
Running at frequencies of up to 204 MHz.
Connected via a core-to-core bridge to the main AHB multilayer matrix and the
main ARM Cortex-M4 processor.
JTAG and built-in NVIC.
On-chip memory
264 kB SRAM for code and data use on the main AHB multilayer matrix plus 18 kB
of SRAM on the Cortex-M0 subsystem.
Multiple SRAM blocks with separate bus access. Two SRAM blocks can be
powered down individually.
64 kB ROM containing boot code and on-chip software drivers.
64-bit + 256 bit general-purpose One-Time Programmable (OTP) memory.
Configurable digital peripherals
Serial GPIO (SGPIO) interface.
State Configurable Timer (SCT) subsystem on AHB.
Global Input Multiplexer Array (GIMA) allows to cross-connect multiple inputs and
outputs to event driven peripherals like the timers, SCT, and ADC0/1.
Serial interfaces
Quad SPI Flash Interface (SPIFI) with four lanes and up to 52 MB per second.
10/100T Ethernet MAC with RMII and MII interfaces and DMA support for high
throughput at low CPU load. Support for IEEE 1588 time stamping/advanced time
stamping (IEEE 1588-2008 v2).
One High-speed USB 2.0 Host/Device/OTG interface with DMA support and
on-chip high-speed PHY.
One High-speed USB 2.0 Host/Device interface with DMA support, on-chip
full-speed PHY and ULPI interface to external high-speed PHY.
USB interface electrical test software included in ROM USB stack.
One 550 UART with DMA support and full modem interface.
Three 550 USARTs with DMA and synchronous mode support and a smart card
interface conforming to ISO7816 specification. One USART with IrDA interface.
Two C_CAN 2.0B controllers with one channel each. Use of C_CAN controller
excludes operation of all other peripherals connected to the same bus bridge. See
Figure 1 and Ref. 1.
Two SSP controllers with FIFO and multi-protocol support. Both SSPs with DMA
support.
One SPI controller.
One Fast-mode Plus I2C-bus interface with monitor mode and with open-drain I/O
pins conforming to the full I2C-bus specification. Supports data rates of up to
1Mbit/s.
One standard I2C-bus interface with monitor mode and with standard I/O pins.
Two I2S interfaces, each with DMA support and with one input and one output.
Digital peripherals
External Memory Controller (EMC) supporting external SRAM, ROM, NOR flash,
and SDRAM devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com