Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 35Page - NXP Semiconductors LPC4370 Datasheet HTML 36Page - NXP Semiconductors LPC4370 Datasheet HTML 37Page - NXP Semiconductors LPC4370 Datasheet HTML 38Page - NXP Semiconductors LPC4370 Datasheet HTML 39Page - NXP Semiconductors LPC4370 Datasheet HTML 40Page - NXP Semiconductors LPC4370 Datasheet HTML 41Page - NXP Semiconductors LPC4370 Datasheet HTML 42Page - NXP Semiconductors LPC4370 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
39 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
PC_10
M5
-
[3]
I; PU -
R — Function reserved.
O
USB1_ULPI_STP — ULPI link STP signal. Asserted to end or interrupt
transfers to the PHY.
I
U1_DSR — Data Set Ready input for UART 1.
-
R — Function reserved.
I/O
GPIO6[9] — General purpose digital input/output pin.
-
R — Function reserved.
O
T3_MAT3 — Match output 3 of timer 3.
I/O
SD_CMD — SD/MMC command signal.
PC_11
L5
-
[3]
I; PU -
R — Function reserved.
I
USB1_ULPI_DIR — ULPI link DIR signal. Controls the ULPI data line
direction.
I
U1_DCD — Data Carrier Detect input for UART 1.
-
R — Function reserved.
I/O
GPIO6[10] — General purpose digital input/output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_DAT4 — SD/MMC data bus line 4.
PC_12
L6
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
O
U1_DTR — Data Terminal Ready output for UART 1. Can also be configured
to be an RS-485/EIA-485 output enable signal for UART 1.
-
R — Function reserved.
I/O
GPIO6[11] — General purpose digital input/output pin.
I/O
SGPIO11 — General purpose digital input/output pin.
I/O
I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read
by the receiver. Corresponds to the signal SD in the I2S-bus specification.
I/O
SD_DAT5 — SD/MMC data bus line 5.
PC_13
M1
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
O
U1_TXD — Transmitter output for UART 1.
-
R — Function reserved.
I/O
GPIO6[12] — General purpose digital input/output pin.
I/O
SGPIO12 — General purpose digital input/output pin.
I/O
I2S0_TX_WS — Transmit Word Select. It is driven by the master and
received by the slave. Corresponds to the signal WS in the I2S-bus
specification.
I/O
SD_DAT6 — SD/MMC data bus line 6.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com