Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 91Page - NXP Semiconductors LPC4370 Datasheet HTML 92Page - NXP Semiconductors LPC4370 Datasheet HTML 93Page - NXP Semiconductors LPC4370 Datasheet HTML 94Page - NXP Semiconductors LPC4370 Datasheet HTML 95Page - NXP Semiconductors LPC4370 Datasheet HTML 96Page - NXP Semiconductors LPC4370 Datasheet HTML 97Page - NXP Semiconductors LPC4370 Datasheet HTML 98Page - NXP Semiconductors LPC4370 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
95 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
Conditions: VDD(REG)(3V3) = 3.3 V; Active mode entered executing code while(1){} from SRAM;M0
cores in reset; internal pull-up resistors disabled; PLL1 enabled; IRC enabled; all peripherals
disabled; all peripheral clocks disabled.
Fig 10. Typical supply current versus frequency in Active mode
Conditions: VDD(REG)(3V3) = 3.3 V; M0 cores in reset; internal pull-up resistors disabled; PLL1
enabled; IRC enabled; all peripherals disabled; all peripheral clocks disabled; core clock CCLK =
12 MHz.
Fig 11. Typical supply current versus temperature in Sleep mode
002aah613
12
36
60
84
108
132
156
180
204
0
20
40
60
80
100
CCLK frequency (MHz)
IDD(REG)(3V3)
IDD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
85 C
85 C
85 °C
25 C
25 C
25 °C
-40 C
-40 C
-40 °C
002aah153
-40
-15
10
35
60
85
0
2
4
6
8
10
temperature (°C)
IDD(REG)(3V3)
((
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com