Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 32Page - NXP Semiconductors LPC4370 Datasheet HTML 33Page - NXP Semiconductors LPC4370 Datasheet HTML 34Page - NXP Semiconductors LPC4370 Datasheet HTML 35Page - NXP Semiconductors LPC4370 Datasheet HTML 36Page - NXP Semiconductors LPC4370 Datasheet HTML 37Page - NXP Semiconductors LPC4370 Datasheet HTML 38Page - NXP Semiconductors LPC4370 Datasheet HTML 39Page - NXP Semiconductors LPC4370 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
36 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
PB_5
A12
-
[3]
I; PU -
R — Function reserved.
I/O
USB1_ULPI_D4 — ULPI link bidirectional data line 4.
O
LCD_VD14 — LCD data.
-
R — Function reserved.
I/O
GPIO5[25] — General purpose digital input/output pin.
I
CTIN_7 — SCT input 7.
O
LCD_PWR — LCD panel power enable.
-
R — Function reserved.
PB_6
A6
-
[6]
[13]
I; PU -
R — Function reserved.
I/O
USB1_ULPI_D3 — ULPI link bidirectional data line 3.
O
LCD_VD13 — LCD data.
-
R — Function reserved.
I/O
GPIO5[26] — General purpose digital input/output pin.
I
CTIN_6 — SCT input 6. Capture input 1 of timer 3.
O
LCD_VD19 — LCD data.
-
R — Function reserved.
AI
ADC0_6 — ADC0, input channel 6. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
PC_0
D4
-
[6]
[13]
I; PU -
R — Function reserved.
I
USB1_ULPI_CLK — ULPI link CLK signal. 60 MHz clock generated by the
PHY.
-
R — Function reserved.
I/O
ENET_RX_CLK — Ethernet Receive Clock (MII interface).
O
LCD_DCLK — LCD panel clock.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_CLK — SD/MMC card clock.
AI
ADC1_1 — ADC1 and ADC0, input channel 1. Configure the pin as input
(USB_ULPI_CLK) and use the ADC function select register in the SCU to
select the ADC.
PC_1
E4
-
[3]
I; PU I/O
USB1_ULPI_D7 — ULPI link bidirectional data line 7.
-
R — Function reserved.
I
U1_RI — Ring Indicator input for UART 1.
O
ENET_MDC — Ethernet MIIM clock.
I/O
GPIO6[0] — General purpose digital input/output pin.
-
R — Function reserved.
I
T3_CAP0 — Capture input 0 of timer 3.
O
SD_VOLT0 — SD/MMC bus voltage select output 0.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com