Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC4370 Datasheet HTML 1Page - NXP Semiconductors LPC4370 Datasheet HTML 2Page - NXP Semiconductors LPC4370 Datasheet HTML 3Page - NXP Semiconductors LPC4370 Datasheet HTML 4Page - NXP Semiconductors LPC4370 Datasheet HTML 5Page - NXP Semiconductors LPC4370 Datasheet HTML 6Page - NXP Semiconductors LPC4370 Datasheet HTML 7Page - NXP Semiconductors LPC4370 Datasheet HTML 8Page - NXP Semiconductors LPC4370 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
5 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC4370FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC4370FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm SOT926-1
Table 2.
Ordering options
Type number
LPC4370FET256
282 kB
yes
yes
yes
yes/yes
8/8
6
yes
yes
164
LBGA256
LPC4370FET100
282 kB
no
yes
yes
yes/no
n/a
3
no
no
49
TFBGA100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com