Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4370 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC4370 Datasheet HTML 1Page - NXP Semiconductors LPC4370 Datasheet HTML 2Page - NXP Semiconductors LPC4370 Datasheet HTML 3Page - NXP Semiconductors LPC4370 Datasheet HTML 4Page - NXP Semiconductors LPC4370 Datasheet HTML 5Page - NXP Semiconductors LPC4370 Datasheet HTML 6Page - NXP Semiconductors LPC4370 Datasheet HTML 7Page - NXP Semiconductors LPC4370 Datasheet HTML 8Page - NXP Semiconductors LPC4370 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
3 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
LCD controller with DMA support and a programmable display resolution of up to
1024 H
 768 V. Supports monochrome and color STN panels and TFT color
panels; supports 1/2/4/8 bpp Color Look-Up Table (CLUT) and 16/24-bit direct pixel
mapping.
Secure Digital Input Output (SD/MMC) card interface.
Eight-channel General-Purpose DMA (GPDMA) controller can access all memories
on the AHB and all DMA-capable AHB slaves.
164 General-Purpose Input/Output (GPIO) pins with configurable pull-up/pull-down
resistors and open-drain mode.
GPIO registers are located on the AHB for fast access. GPIO ports have DMA
support.
Up to eight GPIO pins can be selected from all GPIO pins as edge and level
sensitive interrupt sources.
Two GPIO group interrupt modules enable an interrupt based on a programmable
pattern of input states of a group of GPIO pins.
Four general-purpose timer/counters with capture and match capabilities.
One motor control Pulse Width Modulator (PWM) for three-phase motor control.
One Quadrature Encoder Interface (QEI).
Repetitive Interrupt timer (RI timer).
Windowed watchdog timer (WWDT).
Ultra-low power Real-Time Clock (RTC) on separate power domain with 256 bytes
of battery powered backup registers.
Alarm timer; can be battery powered.
Analog peripherals
One 10-bit DAC with DMA support and a data conversion rate of 400 kSamples/s.
LBGA256 package only.
Two 8-channel, 10-bit ADCs (ADC0/1) with DMA support and a data conversion
rate of 400 kSamples/s for a total of 16 independent channels. The 10-bit ADCs
are only available on the LBGA256 package.
One 6-channel, 12-bit high-speed ADC (ADCHS) with DMA support and a data
conversion rate of 80 MSamples/s.
Unique ID for each device.
Clock generation unit
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
12 MHz Internal RC (IRC) oscillator trimmed to 1 % accuracy over temperature and
voltage.
Ultra-low power Real-Time Clock (RTC) crystal oscillator.
Three PLLs allow CPU operation up to the maximum CPU rate without the need for
a high-frequency crystal. The second PLL is dedicated to the High-speed USB, the
third PLL can be used as audio PLL.
Clock output.
Power
Single 3.3 V (2.2 V to 3.6 V) power supply with on-chip DC-to-DC converter for the
core supply and the RTC power domain.
RTC power domain can be powered separately by a 3 V battery supply.
Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep
power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com